Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC7106ACLW Datasheet(PDF) 19 Page - Microchip Technology

Part # TC7106ACLW
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7106ACLW Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC7106ACLW Datasheet HTML 15Page - Microchip Technology TC7106ACLW Datasheet HTML 16Page - Microchip Technology TC7106ACLW Datasheet HTML 17Page - Microchip Technology TC7106ACLW Datasheet HTML 18Page - Microchip Technology TC7106ACLW Datasheet HTML 19Page - Microchip Technology TC7106ACLW Datasheet HTML 20Page - Microchip Technology TC7106ACLW Datasheet HTML 21Page - Microchip Technology TC7106ACLW Datasheet HTML 22Page - Microchip Technology TC7106ACLW Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21455D-page 19
TC7106/A/TC7107/A
In addition to limiting maximum power dissipation, the
resistor reduces the change in power dissipation as the
display changes. This effect is caused by the fact that,
as fewer segments are “ON,” each “ON” output drops
more voltage and current. For the best case of six
segments (a “111” display) to worst-case (a “1888”
display), the resistor will change about 230 mW, while
a circuit without the resistor will change about 470 mW.
Therefore, the resistor will reduce the effect of display
dissipation on reference voltage drift by about 50%.
The change in LED brightness caused by the resistor is
almost unnoticeable as more segments turn off. If
display brightness remaining steady is very important
to the designer, a diode may be used instead of the
resistor.
FIGURE 9-4:
Diode or Resistor Limits
Package Power Dissipation.
TP2
TP5
100
k
Ω
TP1
24 k
Ω
1k
Ω
0.1
µF
TP3
0.01
µF
+
IN
–
0.22
µF
Display
Display
100 pF
+5V
1M
Ω
-5V
150
Ω
0.47
µF
TC7107A
40
TP
4
30
21
20
10
1
47
k
Ω
1N4001
5.1
Ω 1/4W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com