Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C976 Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 58Page - Advanced Micro Devices AM79C976 Datasheet HTML 59Page - Advanced Micro Devices AM79C976 Datasheet HTML 60Page - Advanced Micro Devices AM79C976 Datasheet HTML 61Page - Advanced Micro Devices AM79C976 Datasheet HTML 62Page - Advanced Micro Devices AM79C976 Datasheet HTML 63Page - Advanced Micro Devices AM79C976 Datasheet HTML 64Page - Advanced Micro Devices AM79C976 Datasheet HTML 65Page - Advanced Micro Devices AM79C976 Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 309 page
background image
62
Am79C976
8/01/00
P R E L I M INARY
s
7KHOHQJWKRI WKHPHVVDJHEXIIHU
s
6WDWXV LQIRUPDWLRQ LQGLFDWLQJ WKH FRQGLWLRQ RI WKH
EXIIHU
To permit the queuing and de-queuing of message
buffers, ownership of each buffer is allocated to either
the Am79C976 controller or the host. The OWN bit
within the descriptor status information, either TMD or
RMD, is used for this purpose.
Setting the OWN to 1 signifies that the Am79C976 con-
troller currently has ownership of this ring descriptor
and its associated buffer. Only the owner is permitted
to relinquish ownership or to write to any field in the de-
scriptor entry. A device that is not the current owner of
a descriptor entry cannot assume ownership or change
any field in the entry. A device may, however, read from
a descriptor that it does not currently own. Software
should always read descriptor entries in sequential or-
der. When software finds that the current descriptor is
owned by the Am79C976 controller, then the software
must not read ahead to the next descriptor. The soft-
ware should wait at a descriptor it does not own until
the Am79C976 controller sets OWN to 0 to release
ownership to the software. (When LAPPEN (CSR3, bit
5) is set to 1, this rule is modified. See the LAPPEN de-
scription.
At initialization, the base address of the receive de-
scriptor ring is written to CSR24 (lower 16 bits) and
CSR25 (upper 16 bits), and the base address of the
transmit descriptor ring is written to CSR30 and
CSR31.
Figure 28 illustrates the relationship between the initial-
ization base address, the initialization block, the re-
ceive and transmit descriptor ring base addresses, the
receive and transmit descriptors, and the receive and
transmit data buffers, when SSIZE32 is cleared to 0.
)LJXUH  %LW 6RIWZDUH 0RGHO
Initialization
Block
IADR[15:0]
IADR[31:16]
CSR1
CSR2
TDRA[15:0]
MOD
PADR[15:0]
PADR[31:16]
PADR[47:32]
LADRF[15:0]
LADRF[31:16]
LADRF[47:32]
LADRF[63:48]
RDRA[15:0]
RLE
RES
RDRA[23:16]
TLE
RES
TDRA[23:16]
Rcv
Buffers
RMDO
RMD1 RMD2 RMD3
Rcv Descriptor
Ring
N
N
N
N
1st
desc.
2nd
desc.
RMD0
Xmt
Buffers
TMD0
TMD1
TMD2
TMD3
Xmt Descriptor
Ring
M
M
M
M
1st
desc.
2nd
desc.
TMD0
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
Data
Buffer
1
Data
Buffer
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com