Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM79C976 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C976 Datasheet HTML 1Page - Advanced Micro Devices AM79C976 Datasheet HTML 2Page - Advanced Micro Devices AM79C976 Datasheet HTML 3Page - Advanced Micro Devices AM79C976 Datasheet HTML 4Page - Advanced Micro Devices AM79C976 Datasheet HTML 5Page - Advanced Micro Devices AM79C976 Datasheet HTML 6Page - Advanced Micro Devices AM79C976 Datasheet HTML 7Page - Advanced Micro Devices AM79C976 Datasheet HTML 8Page - Advanced Micro Devices AM79C976 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 309 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 22929
Rev: C Amendment/0
Issue Date: August 2000
Refer to AMD’s Website (www.amd.com) for the latest information.
Am79C976
PCnet-PRO™
10/100 Mbps PCI Ethernet Controller
DISTINCTIVE CHARACTERISTICS
s Integrated Fast Ethernet controller for the
Peripheral Component Interconnect (PCI) bus
— 32-bit glueless PCI host interface
— Supports PCI clock frequency from DC to
33 MHz independent of network clock
— Supports network operation with PCI clock
from 15 MHz to 33 MHz
— High performance bus mastering
architecture with integrated Direct Memory
Access (DMA) Buffer Management Unit for
low CPU and bus utilization
— PCI specification revision 2.2 compliant
— Supports PCI Subsystem/Subvendor
ID/Vendor ID programming through the
EEPROM interface
— Supports both PCI 3.3-V and 5.0-V signaling
environments
— Plug and Play compatible
— Uses advanced PCI commands (MWI, MRL,
MRM)
— Optionally supports PCI bursts aligned to
cache line boundaries
— Supports big endian and little endian byte
alignments
— Implements optional PCI power management
event (PME) pin
— Supports 40-bit addressing (using PCI Dual
Address Cycles)
s Media Independent Interface (MII) for
connecting external 10/100 megabit per second
(Mbps) transceivers
— IEEE 802.3-compliant MII
— Intelligent Auto-Poll™ external PHY status
monitor and interrupt
— Supports both auto-negotiable and non auto-
negotiable external PHYs
— Supports 10BASE-T, 100BASE-TX/FX,
100BASE-T4, and 100BASE-T2 IEEE 802.3-
compliant MII PHYs at full- or half-duplex
s Full-duplex operation supported with
independent Transmit (TX) and Receive (RX)
channels
s Includes support for IEEE 802.1Q VLANs
— Automatically inserts, deletes, or modifies
VLAN tag
— Optionally filters untagged frames
s Provides optional flow control features
— Recognizes and transmits IEEE 802.3x MAC
flow control frames
— Asserts collision-based back pressure in
half-duplex mode
s Provides internal Management Information
Base (MIB) counters for network statistics
s Supports PC97, PC98, PC99, and Net PC
requirements
— Implements full OnNow features including
pattern matching and link status wake-up
— Implements Magic Packet™ mode
— Magic Packet mode and the physical address
loaded from EEPROM at power up without
requiring PCI clock
— Supports PCI Bus Power Management
Interface Specification Version 1.1
— Supports Advanced Configuration and
Power Interface (ACPI) Specification Version
1.0
— Supports Network Device Class Power
Management Specification Version 1.0
s Large independent external TX and RX FIFOs
— Supports up to 4 megabytes (Mbytes)
external SSRAM for RX and TX frame storage
— Programmable FIFO watermarks for both
transmit and receive operations
— Receive frame queuing for high latency PCI
bus host operation
— Programmable allocation of buffer space
between transmit and receive queues


Similar Part No. - AM79C976

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
Pulse A Technitrol Comp...
AM79C970 PULSE-AM79C970 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKC AMD-AM79C970AKC Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKCW AMD-AM79C970AKCW Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
More results

Similar Description - AM79C976

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
AM79C972 AMD-AM79C972 Datasheet
1Mb / 130P
PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
logo
List of Unclassifed Man...
ADM8513 ETC-ADM8513 Datasheet
567Kb / 44P
USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
ADM6926 ETC1-ADM6926 Datasheet
4Mb / 85P
26 port 10/100 Mbps Ethernet Switch Controller
logo
Intel Corporation
21143 INTEL-21143 Datasheet
257Kb / 52P
PCI/CardBus 10/100 Ethernet LAN Controller
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Davicom Semiconductor, ...
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
logo
Infineon Technologies A...
AMD8513 INFINEON-AMD8513 Datasheet
6Mb / 88P
USB-to-10/100 Mbps Ethernet LAN Controller
Data Sheet, Rev. 1.21, Dec. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com