Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q16CVZPIP Datasheet(PDF) 51 Page - Winbond

Part # W25Q16CVZPIP
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CVZPIP Datasheet(HTML) 51 Page - Winbond

Back Button W25Q16CVZPIP Datasheet HTML 47Page - Winbond W25Q16CVZPIP Datasheet HTML 48Page - Winbond W25Q16CVZPIP Datasheet HTML 49Page - Winbond W25Q16CVZPIP Datasheet HTML 50Page - Winbond W25Q16CVZPIP Datasheet HTML 51Page - Winbond W25Q16CVZPIP Datasheet HTML 52Page - Winbond W25Q16CVZPIP Datasheet HTML 53Page - Winbond W25Q16CVZPIP Datasheet HTML 54Page - Winbond W25Q16CVZPIP Datasheet HTML 55Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
W25Q16CV
Publication Release Date: October 03, 2013
- 51 -
Revision G
tRES2
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (ABh)
High Impedance
8
9
29
30
31
3 Dummy Bytes
23
22
2
1
0
*
Mode 0
Mode 3
7
6
5
4
3
2
1
0
*
32
33
34
35
36
37
38
Device ID
Power-down current
Stand-by current
= MSB
*
Figure 28b. Release Power-down / Device ID Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com