Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q16CVZPIP Datasheet(PDF) 32 Page - Winbond

Part # W25Q16CVZPIP
Description  3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CVZPIP Datasheet(HTML) 32 Page - Winbond

Back Button W25Q16CVZPIP Datasheet HTML 28Page - Winbond W25Q16CVZPIP Datasheet HTML 29Page - Winbond W25Q16CVZPIP Datasheet HTML 30Page - Winbond W25Q16CVZPIP Datasheet HTML 31Page - Winbond W25Q16CVZPIP Datasheet HTML 32Page - Winbond W25Q16CVZPIP Datasheet HTML 33Page - Winbond W25Q16CVZPIP Datasheet HTML 34Page - Winbond W25Q16CVZPIP Datasheet HTML 35Page - Winbond W25Q16CVZPIP Datasheet HTML 36Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
W25Q16CV
- 32 -
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
8
9
10
12
13
14
24
25
26
27
28
29
30
31
6
4
2
0
*
*
15
/CS
CLK
DI
(IO
0)
DO
(IO
1)
0
7
5
3
1
*
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
*
*
IOs switch from
Input to Output
6
7
22
20
18
16
23
21
19
17
14
12
10
8
15
13
11
9
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
11
15
1
A23-16
A15-8
A7-0
M7-0
Byte 1
Byte 2
Byte 3
Byte 4
0
1
2
3
4
5
6
7
16
17
18
20
21
22
19
23
*
= MSB
*
Figure 13b. Fast Read Dual I/O Instruction Sequence (Previous instruction set M5-4 = 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com