Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS1aF-12V-F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # JS1aF-12V-F
Description  1a/1c 10A cubic type power relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JS1aF-12V-F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  JS1aF-12V-F Datasheet HTML 1Page - Panasonic Semiconductor JS1aF-12V-F Datasheet HTML 2Page - Panasonic Semiconductor JS1aF-12V-F Datasheet HTML 3Page - Panasonic Semiconductor JS1aF-12V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JS
ASCTB186E 201202-T
DIMENSIONS (mm inch)
SAFETY STANDARDS
For Cautions for Use.
UL/C-UL (Recognized)
CSA (Certified)
VDE (Certified)
TV rating (UL/CSA)
TÜV (Certified)
File No.
Contact rating
File No.
Contact rating
File No.
Contact rating
File No.
Rating
File No.
Rating
E43028
10A 125V AC, 6A 277V AC
5A 30V DC, 1/8HP 125V AC
1
/8HP 277V AC
12A 125V AC
12A 277V AC
10A 125V AC (N.O., 85
°C)
4FLA/4LRA125V AC 105
°C
(N.O.)
2FLA/4LRA125V AC 105
°C
(N.C.)
1
/3HP 277V AC 75
°C N.O.
LR26550
10A 125V AC
12A 125V AC
6A 277V AC
12A 277V AC
5A 30V DC
1
/8HP 125V AC
1
/8HP 277V AC
40011475
10A 125V AC (cos
φ=1.0)
6A 250V AC (cos
φ=1.0)
UL
E43028
CSA
LR26550
1a
➝TV-5
1c
➝TV-5 (N.O.)
B 10 02
13461 271
10A 125V AC (cos
φ=1.0)
6A 250V AC (cos
φ=1.0)
3. Life curve
Ambient temperature: Room temperature
4. Operate/release time
Sample: 25 pcs., JS1-12V-F
5. Ambient temperature characteristics
Sample: 6 pcs., JS1-12V-F
100
10
1
567
8
9
01
2
3
4
10
125V AC resistive load
Contact current, A
–
–
80
100
120
140
2
0
4
6
8
10
Max.
Max.
Min.
Min.
x
x
Coil applied voltage, %V
Operate time
Release time
–60 –40 –20 0
20
20
10
–10
–20
40 60 80
Ambient
temperature
°C
Pick-up voltage
Drop-out voltage
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
External dimensions
Note: Terminal No. 4 is only for Standard
1 Form C type
16
0.4
3.9
0.8
5
4 N.C.
1
23 N.O.
0.8
0.24
12.2
16
12
0.4
0.4
22
2.3
1.2
2
.630
.016
.154
.031
.031
.009
.480
.630
.472
.016
.016
.866
.091
.047
.079
Schematic
(Bottom view)
1 Form A
1 Form C
PC board pattern
(Bottom view)
1 Form A
(Standard, High Power)
1 Form C
(Standard)
Tolerance:
±0.1 ±.004
N.O.
COM
COIL
N.O.
N.C.
COM
COIL
12
4-1.3 dia.
12.2
2
.472
4-.051 dia.
.480
.079
12
5-1.3 dia.
12.2
2
.472
5-.051 dia.
.480
.079
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
General tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com