Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS1aF-12V-F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # JS1aF-12V-F
Description  1a/1c 10A cubic type power relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JS1aF-12V-F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  JS1aF-12V-F Datasheet HTML 1Page - Panasonic Semiconductor JS1aF-12V-F Datasheet HTML 2Page - Panasonic Semiconductor JS1aF-12V-F Datasheet HTML 3Page - Panasonic Semiconductor JS1aF-12V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JS
ASCTB186E 201202-T
TYPES
Standard packing Carton: 100 pcs. Case: 500 pcs.
Notes: 1. Class B and F coil insulation types available.
Ex) JS1aF-B-12V-F, JS1aF-F-12V-F
2. EN60335-1 GWT compliant types available. When ordering, please add suffix “T”.
Ex) JS1aF-B-12V-FT
3. Surge voltage 6kV types available. When ordering, please add suffix “6K” (except for Long endurance type and EN60335-1 GWT compliant type).
Ex) JS1aF-B-12V-F-6K
RATING
1. Coil data
Note: * When using relays in a high ambient temperature, consider the pick-up voltage rise due to the high temperature (a rise of approx. 0.4% V for each 1
°C 33.8°F with
20
°C 68°F as a reference) and use a coil impressed voltage that is within the maximum applied voltage range.
Contact arrangement
Nominal coil voltage
Sealed type
Flux-resistant type
Part No.
Part No.
1 Form A
(Standard)
5V DC
JS1a-5V-F
JS1aF-5V-F
6V DC
JS1a-6V-F
JS1aF-6V-F
9V DC
JS1a-9V-F
JS1aF-9V-F
12V DC
JS1a-12V-F
JS1aF-12V-F
18V DC
JS1a-18V-F
JS1aF-18V-F
24V DC
JS1a-24V-F
JS1aF-24V-F
48V DC
JS1a-48V-F
JS1aF-48V-F
1 Form A
Long endurance type
5V DC
–
JS1aPF-B-5V-F
6V DC
–
JS1aPF-B-6V-F
9V DC
–
JS1aPF-B-9V-F
12V DC
–
JS1aPF-B-12V-F
18V DC
–
JS1aPF-B-18V-F
24V DC
–
JS1aPF-B-24V-F
48V DC
–
JS1aPF-B-48V-F
1 Form C
(Standard)
5V DC
JS1-5V-F
JS1F-5V-F
6V DC
JS1-6V-F
JS1F-6V-F
9V DC
JS1-9V-F
JS1F-9V-F
12V DC
JS1-12V-F
JS1F-12V-F
18V DC
JS1-18V-F
JS1F-18V-F
24V DC
JS1-24V-F
JS1F-24V-F
48V DC
JS1-48V-F
JS1F-48V-F
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Max. applied voltage
(at 70
°C 158°F)
5V DC
70%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
72 mA
69.4
Ω
360mW
130%V of
nominal voltage
[When using relays at
85
°C 185°F, see Note*]
6V DC
60 mA
100
Ω
9V DC
40 mA
225
Ω
12V DC
30 mA
400
Ω
18V DC
20 mA
900
Ω
24V DC
15 mA
1,600
Ω
48V DC
7.5mA
6,400
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com