Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC001CFLKA Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AMC001CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC001CFLKA Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AMC001CFLKA Datasheet HTML 2Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 3Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 4Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 5Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 6Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 9Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
AmC0XXCFLKA
5/4/98
Word-Wide Operations
The “C” series cards provide the flexibility to operate on
data in a byte-wide or word-wide format. In word-wide
operations the Low-bytes are controlled with CE1 when
A0 = 0. The High-bytes are controlled with CE2 with
A0 = don’t care.
Table 1.
Common Memory Bus Operations
Legend:
X = Don’t Care, where Don’t Care is either at VIL or VIH level. See DC Characteristics for voltage levels of normal TTL or CMOS
input levels.
Notes:
1. VPP pins are not connected in the 5.0 V-Only Flash Memory Card.
2. Manufacturer and device codes may be accessed via a command register write sequence. (Refer to Autoselect Command in
Tables 3 and 4.)
3. Standby current is ICCS.
4. Refer to Tables 3 and 4 for valid DIN during a byte write operation.
5. Refer to Table 5 for valid DIN during a word write operation.
6. Byte access—Even. In this x8 mode, A0 = VIL outputs or inputs the “even” byte (low byte) of the x16 word on D0–D7.
7. Byte access—Odd. In this x8 mode, A0 = VIH outputs or inputs the “odd” byte (high byte) of the x16 word on D0–D7. This is
accomplished internal to the card by transposing D8–D15 to D0–D7.
8. Odd byte only access. In this x8 mode, A0 = X outputs or inputs the “odd” byte (high byte) of the x16 word on D8–D15.
9. x16 word accesses present both “even” (low) and “odd” (high) bytes. A0 = X.
Pins/Operation
REG
CE2CE1OE
WE
A0
D8–D15
D0–D7
READ-ONLY
Read (x8) (Note 6)
VIH
VIH
VIL
VIL
VIH
VIL
High-Z
Data Out-Even
Read (x8) (Note 7)
VIH
VIH
VIL
VIL
VIH
VIH
High-Z
Data Out-Odd
Read (x8) (Note 8)
VIH
VIL
VIH
VIL
VIH
X
Data Out-Odd
High-Z
Read (x16) (Note 9)
VIH
VIL
VIL
VIL
VIH
X
Data Out-Odd
Data Out-Even
Output Disable
VIH
XX
VIH
VIH
X
High-Z
High-Z
Standby (Note 3)
X
VIH
VIH
X
X
X
High-Z
High-Z
READ/WRITE
Read (x8) (Notes 2, 6)
VIH
VIH
VIL
VIL
VIH
VIL
High-Z
Data Out-Even
Read (x8) (Notes 2, 7)
VIH
VIH
VIL
VIL
VIH
VIH
High-Z
Data Out-Odd
Read (x8) (Notes 2, 8)
VIH
VIL
VIH
VIL
VIH
X
Data Out-Odd
High-Z
Read (x16) (Notes 2, 9)
VIH
VIL
VIL
VIL
VIH
X
Data Out-Odd
Data Out-Even
Write (x8) (Notes 4, 6)
VIH
VIH
VIL
VIH
VIL
VIL
High-Z
Data In-Even
Write (x8) (Notes 4, 7)
VIH
VIH
VIL
VIH
VIL
VIH
High-Z
Data In-Odd
Write (x8) (Notes 4, 8)
VIH
VIL
VIH
VIH
VIL
X
Data In-Odd
High-Z
Write (x16) (Notes 5, 9)
VIH
VIL
VIL
VIH
VIL
X
Data In-Odd
Data In-Even
Output Disable
VIH
XX
VIH
VIL
X
High-Z
High-Z
Standby (Note 3)
X
VIH
VIH
X
X
X
High-Z
High-Z
Volt-only?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com