Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC001CFLKA Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AMC001CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC001CFLKA Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AMC001CFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 9Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 10Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 11Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 12Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 13Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 14Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
5/4/98
AmC0XXCFLKA
11
Table 5.
Word Command Definitions (Note 7)
Notes:
1. Address bit A16 = X = Don’t Care for all address commands except for Program Address (PA) and Sector Address (SA).
2. Bus operations are defined in Table 1.
3. RA = Address of the memory location to be read.
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE pulse.
SA = Address of the sector to be erased. The combination of A17, A18, A19 will uniquely select any sector of a segment.
To select the memory segment:1 and 2 Mbyte: Use CE1, CE2, A20
4 Mbyte:
Use CE1, CE2, A20, A21
0 Mbyte:
Use CE1, CE2, A20–A23.
4. RW = Data read from location RA during read operation. (Word Mode).
PW = Data to be programmed at location PA. Data is latched on the rising edge of WE. (Word Mode).
5. Address for Memory Segment Pair 0 (S0 and S1) only. Address for the higher Memory Segment Pairs (S2, S3 = Pair 1, S4,
S5 = Pair 2, S6, S7 = Pair 3…) is equal to (Addr) + M* (80000H) where M = Memory Segment Pair number.
6. Word = 2 bytes = odd byte and even byte.
7. CE1 = 0 and CE2 = 0.
Table 6.
Memory Sector Address Table
for Memory Segment S0
FLASH MEMORY WRITE/ERASE
OPERATIONS
Details of AMD’s Embedded Write and
Erase Operations
Embedded Erase™ Algorithm
The automatic memory sector or memory segment
erase does not require the device to be entirely prepro-
gramming prior to executing the Embedded Erase
command. Upon executing the Embedded Erase com-
mand sequence, the addressed memory sector or
memory segment will automatically write and verify the
entire memory segment or memory sector for an all
“zero” data pattern. The system is not required to pro-
vide any controls or timing during these operations.
When the memory sector or memory segment is auto-
matically verified to contain an all “zero” pattern, a
self-timed chip erase-and-verify begins. The erase and
verify operations are complete when the data on D7 of
the memory sector or memory segment is “1” (see
“Write Operation Status” section) at which time the
Embedded
Command
Sequence
Bus
Write
Cycles
Req’d
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr*
Data
Addr*
Data
Addr*
Data
Addr*
Data
Addr*
Data
Addr*
Data
Reset/Read
4
AAAAH AAAA 5554H 5555 AAAAH F0F0
RA
RW
Autoselect
4
AAAAH AAAA 5554H 5555 AAAAH 9090 00H/02H
0101/
A4A4
Byte Write
4
AAAAH AAAA 5554H 5555 AAAAH A0A0
PA
PW
Segment Erase
6
AAAAH AAAA 5554H 5555 AAAAH 8080
AAAAH
AAAA
5554H 5555 AAAAH 1010
Sector Erase
6
AAAAH AAAA 5554H 5555 AAAAH 8080
AAAAH
AAAA
5554H 5555
SA
3030
Sector Erase Suspend
Erase can be suspended during sector erase with Addr (don’t care), Data (B0H)
Sector Erase Resume
Erase can be resumed after suspend with Addr (don’t care), Data (30H)
Sector
A19
A18
A17
Address Range
0
0
0
0
00000h-0FFFFh
1
0
0
1
10000h-1FFFFh
2
0
1
0
20000h-2FFFFh
3
0
1
1
30000h-3FFFFh
4
1
0
0
40000h-4FFFFh
5
1
0
1
50000h-5FFFFh
6
1
1
0
60000h-6FFFFh
7
1
1
1
70000h-7FFFFh
Note: A0 is not mapped internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com