Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 63Page - Advanced Micro Devices AMD-K6 Datasheet HTML 64Page - Advanced Micro Devices AMD-K6 Datasheet HTML 65Page - Advanced Micro Devices AMD-K6 Datasheet HTML 66Page - Advanced Micro Devices AMD-K6 Datasheet HTML 67Page - Advanced Micro Devices AMD-K6 Datasheet HTML 68Page - Advanced Micro Devices AMD-K6 Datasheet HTML 69Page - Advanced Micro Devices AMD-K6 Datasheet HTML 70Page - Advanced Micro Devices AMD-K6 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 346 page
background image
Chapter 3
Software Environment
49
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
3.2
Instructions Supported by the AMD-K6® Processor
This section documents all of the x86 instructions supported by
the AMD-K6 processo r. Th e fo ll ow in g tab les show the
instruction mnemonic, opcode, modR/M byte, decode type, and
RISC86 operation(s) for each instruction. Tables 10 through 12
define the integer, floating-point, and MMX instructions,
respectively.
The first column in these tables indicates the instruction
mnemonic and operand types with the following notations:
s
reg8—byte integer register defined by instruction byte(s) or
bits 5, 4, and 3 of the modR/M byte
s
mreg8—byte integer register defined by bits 2, 1, and 0 of
the modR/M byte
s
reg16/32—word and doubleword integer register defined by
instruction byte(s) or bits 5, 4, and 3 of the modR/M byte
s
mreg16/32—word and doubleword integer register defined
by bits 2, 1, and 0 of the modR/M byte
s
mem8—byte integer value in memory
s
mem16/32—word or doubleword integer value in memory
s
mem32/48—doubleword or 48-bit integer value in memory
s
mem48—48-bit integer value in memory
s
mem64—64-bit value in memory
s
imm8—8-bit immediate value
s
imm16/32—16-bit or 32-bit immediate value
s
disp8—8-bit displacement value
s
disp16/32—16-bit or 32-bit displacement value
s
disp32/48—doubleword or 48-bit displacement value
s
eXX—register width depending on the operand size
s
mem32real—32-bit floating-point value in memory
s
mem64real—64-bit floating-point value in memory
s
mem80real—80-bit floating-point value in memory
s
mmreg—MMX register
s
mmreg1—MMX register defined by bits 5, 4, and 3 of the
modR/M byte
s
mmreg2—MMX register defined by bits 2, 1, and 0 of the
modR/M byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com