Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6 Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 93Page - Advanced Micro Devices AMD-K6 Datasheet HTML 94Page - Advanced Micro Devices AMD-K6 Datasheet HTML 95Page - Advanced Micro Devices AMD-K6 Datasheet HTML 96Page - Advanced Micro Devices AMD-K6 Datasheet HTML 97Page - Advanced Micro Devices AMD-K6 Datasheet HTML 98Page - Advanced Micro Devices AMD-K6 Datasheet HTML 99Page - Advanced Micro Devices AMD-K6 Datasheet HTML 100Page - Advanced Micro Devices AMD-K6 Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 346 page
background image
Chapter 5
Signal Descriptions
79
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5
Signal Descriptions
5.1
A20M# (Address Bit 20 Mask)
Input
Summary
A20M# is used to simulate the behavior of the 8086 when
running in Real mode. The assertion of A20M # causes the
processor to force bit 20 of the physical address to 0 prior to
accessing the cache or driving out a memory bus cycle. The
clearing of address bit 20 maps addresses that wrap above 1
Mbyte to addresses below 1 Mbyte.
Sampled
The processor samples A20M # as a level-sensitive input on
every clock edge. The system logic can drive the signal either
sync hr o n ousl y or async h r o nousl y. I f i t is ass e r t ed
asynchronously, it must be asserted for a minimum pulse width
of two clocks.
The following list explains the effects of the processor sampling
A20M# asserted under various conditions:
s
Inquire cycles and writeback cycles are not affected by the
state of A20M#.
s
The assertion of A20M# in System Management Mode
(SMM) is ignored.
s
When A20M# is sampled asserted in Protected mode, it
causes unpredictable processor operation. A20M# is only
defined in Real mode.
s
To ensure that A20M# is recognized before the first ADS#
occurs following the negation of RESET, A20M# must be
sampled asserted on the same clock edge that RESET is
sampled negated or on one of the two subsequent clock
edges.
s
To ensure A20M# is recognized before the execution of an
instruction, a serializing instruction must be executed
between the instruction that asserts A20M# and the
targeted instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com