Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMMC002AWP Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AMMC002AWP
Description  2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMC002AWP Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AMMC002AWP Datasheet HTML 18Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 19Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 20Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 21Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 22Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 23Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 24Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 25Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
22
AmMC0XXA
PR EL IMIN AR Y
attempt to read the device will produce valid data on D7.
The Data Polling feature is valid after the rising edge of
the fourth WE# pulse of the four write pulse sequence.
While the Embedded Erase algorithm is in operation,
D7 will read “0” until the erase operation is completed.
Upon completion of the erase operation, the data on D7
will read “1”.
The Data Polling feature is only active during the
Embedded Programming or Erase algorithms. Please
note that D7 may change asynchronously while Output
Enable (OE#) is asserted low. This means that the
device is driving status information on D7 at one instant
of time and then the byte’s valid data at the next instant
of time. Depending on when the system samples the
D7 output, it may read either the status or valid data.
Even if the device has completed the Embedded oper-
ation and D7 has a valid data, the data outputs on D0-
D6 may be still invalid since the switching time for data
bits (D0-D7) will not be the same. This happens since
the internal delay paths for data bits (D0-D7) within the
device are different. The valid data will be provided only
after a certain time delay (>tOE). Please refer to Figure
9 for a detailed timing diagram. See Figure 6 for the
Data Polling algorithm.
Toggle Bit—D6 (D14 on Odd Byte)
The toggle bit is used for entering the Erase Suspend
mode. Refer to the previous section entitled “Sector
Erase Suspend” and Table 15 for information on this
bit.
Table 15.
Hardware Sequence Flags
Notes:
1. Performing successive read operations from the erase-suspended sector will cause D2 to toggle.
2. Performing successive read operations from any address will cause D6 to toggle.
3. Reading the byte address being programmed while in the erase-suspend program mode will indicate logic “1” at the D2 bit.
However, successive reads from the erase-suspended sector will cause D2 to toggle.
BUSY# (RY/BY#—Ready/Busy)
The BUSY# signal indicates to the host the status of
operations within the Miniature Card. The BUSY#
signal is tied to the components’ RY/BY# pins.
The RY/BY# signal from AMD Flash devices in the
Miniature Card indicate that the Embedded Algo-
rithms are either in progress or have been completed.
If the output is low, the device is busy with either a pro-
gram or erase operation. If the output is high, the de-
vice is ready to accept any read/write or erase
operation. When the RY/BY# pin is low, the device will
not accept any additional program or erase com-
mands with the exception of the Erase Suspend com-
mand. If a Flash device is placed in an Erase Suspend
mode, the RY/BY# output will be high. Refer to the
section “Sector Erase Suspend” for more information.
During programming, the RY/BY# pin is driven low after
the rising edge of the fourth WE# pulse. During an
erase operation, the RY/BY# pin is driven low after the
rising edge of the sixth WE# pulse. The RY/BY# pin
should be ignored while RESET# is at VIL.
Status
D7
D6
D5
D3
D2
In Progress
Byte Program in Embedded Program Algorithm
D7
Toggle
0
0
1
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Erase Suspended Mode
Erase Suspend Read
(Erase Suspended Sector)
11
00
Toggle
(Note 1)
Erase Suspend Read
(Non-Erase Suspended Sector)
Data
Data
Data
Data
Data
Erase Suspend Program
(Non-Erase Suspended Sector)
D7
Toggle
(Note 2)
01
1
(Note 3)
Exceeded
Time Limits
Byte Program in Embedded Program Algorithm
D7
Toggle
1
0
1
Program/Erase in Embedded Erase Algorithm
0
Toggle
1
1
N/A
Erase Suspended Mode
Erase Suspend Program
(Non-Erase Suspended Sector)
D7
Toggle
1
1
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com