Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMMC002AWP Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AMMC002AWP
Description  2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMC002AWP Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AMMC002AWP Datasheet HTML 22Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 23Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 24Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 25Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 26Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 27Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 28Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 29Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
26
AmMC0XXA
PR EL IMIN AR Y
AC CHARACTERISTICS
Read-only Operations
* Not 100% tested.
Parameter Symbol
Parameter Description
Card Speed
Unit
JEDEC
Standard
-100
-150
tAVAV
tRC
Read Cycle Time
Min
100
150
ns
tELQV
tCE
Chip Enable Access Time
Max
100
150
ns
tAVQV
tACC
Address Access Time
Max
100
150
ns
tGLQV
tOE
Output Enable Access Time
Max
40
50
ns
tELQX
tLZ
Chip Enable to Output in Low-Z
Min
0
0
ns
tEHQZ
tDF
Chip Disable to Output in High-Z
Max
20
30
ns
tGLQX
tOLZ
Output Enable to Output in Low-Z
Min
0
0
ns
tGHQZ
tDF
Output Disable to Output in High-Z
Max
20
30
ns
tAXQX
tOH
Output Hold from First of Address, CE#, or OE# Change
Min
0
0
ns
tReady
RESET# Pin Low to Read Mode*
Max
20
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com