| Electronic Components Datasheet Search |
|
ST62P25LB1 Datasheet(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LB1 Datasheet(HTML) 79 Page - STMicroelectronics |
|
79 / 105 page ![]() ST6215C ST6225C 79/105 EMC CHARACTERISTICS (Cont’d) 11.7.2 Absolute Electrical Sensitivity Based on three different tests (ESD, LU and DLU) using specific measurement methods, the product is stressed in order to determine its performance in terms of electrical sensitivity. For more details, re- fer to the AN1181 application note. 11.7.2.1 Electro-Static Discharge (ESD) Electro-Static Discharges (3 positive then 3 nega- tive pulses separated by 1 second) are applied to the pins of each sample according to each pin combination. The sample size depends of the number of supply pins of the device (3 parts*(n+1) supply pin). Two models are usually simulated: Human Body Model and Machine Model. This test conforms to the JESD22-A114A/A115A standard. See Figure 57 and the following test sequences. Human Body Model Test Sequence – CL is loaded through S1 by the HV pulse gener- ator. – S1 switches position from generator to R. – A discharge from CL through R (body resistance) to the ST6 occurs. – S2 must be closed 10 to 100ms after the pulse delivery period to ensure the ST6 is not left in charge state. S2 must be opened at least 10ms prior to the delivery of the next pulse. Machine Model Test Sequence – CL is loaded through S1 by the HV pulse gener- ator. – S1 switches position from generator to ST6. – A discharge from CL to the ST6 occurs. – S2 must be closed 10 to 100ms after the pulse delivery period to ensure the ST6 is not left in charge state. S2 must be opened at least 10ms prior to the delivery of the next pulse. – R (machine resistance), in series with S2, en- sures a slow discharge of the ST6. Absolute Maximum Ratings Notes: 1. Data based on characterization results, not tested in production. Figure 57. Typical Equivalent ESD Circuits Symbol Ratings Conditions Maximum value 1) Unit VESD(HBM) Electro-static discharge voltage (Human Body Model) TA=+25°C 2000 V VESD(MM) Electro-static discharge voltage (Machine Model) TA=+25°C 200 ST6 S2 R=1500 Ω S1 HIGH VOLTAGE CL=100pF PULSE GENERATOR ST6 S2 HIGH VOLTAGE CL=200pF PULSE GENERATOR S1 HUMAN BODY MODEL MACHINE MODEL 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |