| Electronic Components Datasheet Search |
|
ST62P25LB1 Datasheet(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LB1 Datasheet(HTML) 48 Page - STMicroelectronics |
|
48 / 105 page ![]() ST6215C ST6225C 48/105 8-BIT TIMER (Cont’d) 9.2.3 Counter/Prescaler Description Prescaler The prescaler input can be the internal frequency fINT divided by 12 or an external clock applied to the TIMER pin. The prescaler decrements on the rising edge, depending on the division factor pro- grammed by the PS[2:0] bits in the TSCR register. The state of the 7-bit prescaler can be read in the PSCR register. When the prescaler reaches 0, it is automatically reloaded with 7Fh. Counter The free running 8-bit downcounter is fed by the output of the programmable prescaler, and is dec- remented on every rising edge of the fCOUNTER clock signal coming from the prescaler. It is possible to read or write the contents of the counter on the fly, by reading or writing the timer counter register (TCR). When the downcounter reaches 0, it is automati- cally reloaded with the value 0FFh. Counter Clock and Prescaler The counter clock frequency is given by: fCOUNTER = fPRESCALER / 2 PS[2:0] where fPRESCALER can be: –fINT/12 –fEXT (input on TIMER pin) –fINT/12 gated by TIMER pin The timer input clock feeds the 7-bit programma- ble prescaler. The prescaler output can be pro- grammed by selecting one of the 8 available pres- caler taps using the PS[2:0] bits in the Status/Con- trol Register (TSCR). Thus the division factor of the prescaler can be set to 2n (where n equals 0, to 7). See Figure 27. The clock input is enabled by the PSI (Prescaler Initialize) bit in the TSCR register. When PSI is re- set, the counter is frozen and the prescaler is load- ed with the value 7Fh. When PSI is set, the pres- caler and the counter run at the rate of the select- ed clock source. Counter and Prescaler Initialization After RESET, the counter and the prescaler are in- itialized to 0FFh and 7Fh respectively. The 7-bit prescaler can be initialized to 7Fh by clearing the PSI bit. Direct write access to the prescaler is also possible when PSI =1. Then, any value between 0 and 7Fh can be loaded into it. The 8-bit counter can be initialized separately by writing to the TCR register. 9.2.3.1 8-bit Counting and Interrupt Capability on Counter Underflow Whatever the division factor defined for the pres- caler, the Timer Counter works as an 8-bit down- counter. The input clock frequency is user selecta- ble using the PS[2:0] bits. When the downcounter decrements to zero, the TMZ (Timer Zero) bit in the TSCR is set. If the ETI (Enable Timer Interrupt) bit in the TSCR is also set, an interrupt request is generated. The Timer interrupt can be used to exit the MCU from WAIT or STOP mode. The TCR can be written at any time by software to define a time period ending with an underflow event, and therefore manage delay or timer func- tions. TMZ is set when the downcounter reaches zero; however, it may also be set by writing 00h in the TCR register or by setting bit 7 of the TSCR register. The TMZ bit must be cleared by user software when servicing the timer interrupt to avoid unde- sired interrupts when leaving the interrupt service routine. Note: A write to the TCR register will predominate over the 8-bit counter decrement to 00h function, i.e. if a write and a TCR register decrement to 00h occur simultaneously, the write will take prece- dence, and the TMZ bit is not set until the 8-bit counter underflows again. 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |