| Electronic Components Datasheet Search |
|
ST62P25LD1 Datasheet(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LD1 Datasheet(HTML) 82 Page - STMicroelectronics |
|
82 / 105 page ![]() ST6215C ST6225C 82/105 11.8 I/O PORT PIN CHARACTERISTICS 11.8.1 General Characteristics Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified. Figure 61. Typical RPU vs. VDD with VIN = VSS Notes: 1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V. 2. Data based on characterization results, not tested in production. 3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested. 4. The RPU pull-up equivalent resistor is based on a resistive transistor. This data is based on characterization results, not tested in production. 5. Data based on characterization results, not tested in production. 6. To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured as an external interrupt source. Figure 62. Two typical Applications with unused I/O Pin Symbol Parameter Conditions Min Typ 1) Max Unit VIL Input low level voltage 2) 0.3xVDD V VIH Input high level voltage 2) 0.7xVDD Vhys Schmitt trigger voltage hysteresis 3) VDD=5V 200 400 mV VDD=3.3V 200 400 IL Input leakage current VSS≤VIN≤VDD (no pull-up configured) 0.1 1 μA RPU Weak pull-up equivalent resistor 4) VIN=VSS VDD=5V 40 110 350 k Ω VDD=3.3V 80 230 700 CIN I/O input pin capacitance 5 10 pF COUT I/O output pin capacitance 5 10 pF tf(IO)out Output high to low level fall time 5) CL=50pF Between 10% and 90% 30 ns tr(IO)out Output low to high level rise time 5) 35 tw(IT)in External interrupt pulse time 6) 1tCPU 34 56 VDD [V] 50 100 150 200 250 300 350 Rpu [Khom] Ta=-40°C Ta=25°C Ta=95°C Ta=125°C 10k Ω UNUSED I/O PORT ST62XX 10k Ω UNUSED I/O PORT ST62XX VDD 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |