| Electronic Components Datasheet Search |
|
ST62P25LD1 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LD1 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 105 page ![]() ST6215C ST6225C 14/105 MEMORY MAP (Cont’d) 3.1.6.2 Data ROM Window memory addressing In cases where some data (look-up tables for ex- ample) are stored in program memory, reading these data requires the use of the Data ROM win- dow mechanism. To do this: 1. The DRWR register has to be loaded with the 64-byte block number where the data are located (in program memory). This number also gives the start address of the block. 2. Then, the offset address of the byte in the Data ROM Window (corresponding to the offset in the 64-byte block in program memory) has to be load- ed in a register (A, X,...). When the above two steps are completed, the data can be read. To understand how to determine the DRWR and the content of the register, please refer to the ex- ample shown in Figure 6. In any case the calcula- tion is automatically handled by the ST6 develop- ment tools. Please refer to the user manual of the correspod- ing tool. 3.1.6.3 Recommendations Care is required when handling the DRWR regis- ter as it is write only. For this reason, the DRWR contents should not be changed while executing an interrupt service routine, as the service routine cannot save and then restore the register’s previ- ous contents. If it is impossible to avoid writing to the DRWR during the interrupt service routine, an image of the register must be saved in a RAM lo- cation, and each time the program writes to the DRWR, it must also write to the image register. The image register must be written first so that, if an interrupt occurs between the two instructions, the DRWR is not affected. Figure 6. Data read-only memory Window Memory Addressing DATA PROGRAM SPACE DATA SPACE 0000h 0400h 0421h 07FFh 64 bytes OFFSET 000h 040h 061h 07Fh OFFSET 21h 0FFh DRWR DATA address in Program memory : 421h DRWR content : 421h / 3Fh (64) = 10H data is located in 64-bytes window number 10h 64-byte window start address : 10h x 3Fh = 400h Register (A, X,...)content : Offset = (421h - 400h) + 40h ( Data ROM Window start address in data space) = 61h 10h DATA 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |