| Electronic Components Datasheet Search |
|
ST62P25LD3 Datasheet(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LD3 Datasheet(HTML) 52 Page - STMicroelectronics |
|
52 / 105 page ![]() ST6215C ST6225C 52/105 8-BIT TIMER (Cont’d) 9.2.7 Register Description PRESCALER COUNTER REGISTER (PSCR) Address: 0D2h - Read/Write Reset Value: 0111 1111 (7Fh) Bit 7 = PSCR7: Not used, always read as “0”. Bits 6:0 = PSCR[6:0] Prescaler LSB. TIMER COUNTER REGISTER (TCR) Address: 0D3h - Read / Write Reset Value: 1111 1111 (FFh) Bits 7:0 = TCR[7:0] Timer counter bits. TIMER STATUS CONTROL REGISTER (TSCR) Address: 0D4h - Read/Write Reset Value: 0000 0000 (00h) Bit 7 = TMZ Timer Zero bit. A low-to-high transition indicates that the timer count register has underflowed. It means that the TCR value has changed from 00h to FFh. This bit must be cleared by user software. 0: Counter has not underflowed 1: Counter underflow occurred Bit 6 = ETI Enable Timer Interrupt. When set, enables the timer interrupt request. If ETI=0 the timer interrupt is disabled. If ETI=1 and TMZ=1 an interrupt request is generated. 0: Interrupt disabled (reset state) 1: Interrupt enabled Bit 5 = TOUT Timer Output Control. When low, this bit selects the input mode for the TIMER pin. When high the output mode is select- ed. 0: Input mode (reset state) 1: Output mode, the TIMER pin is configured as push-pull output Bit 4 = DOUT Data Output. Data sent to the timer output when TMZ is set high (output mode only). Input mode selection (input mode only). Bit 3 = PSI: Prescaler Initialize bit. Used to initialize the prescaler and inhibit its count- ing. When PSI=“0” the prescaler is set to 7Fh and the counter is inhibited. When PSI=“1” the prescal- er is enabled to count downwards. As long as PSE=“1” both counter and prescaler are not run- ning 0: Counting disabled 1: Counting enabled Bits 1:0 = PS[2:0] Prescaler Mux. Select. These bits select the division ratio of the prescaler register. Table 13. Prescaler Division Factors Table 14. 8-Bit Timer Register Map and Reset Values 70 PSCR 7 PSCR 6 PSCR 5 PSCR 4 PSCR 3 PSCR 2 PSCR 1 PSCR 0 70 TCR7 TCR6 TCR5 TCR4 TCR3 TCR2 TCR1 TCR0 70 TMZ ETI TOUT DOUT PSI PS2 PS1 PS0 PS2 PS1 PS0 Divided by 0 0 0 1 0 0 1 2 0 1 0 4 01 1 8 10 0 16 10 1 32 11 0 64 1 1 1 128 Address (Hex.) Register Label 7654 3210 0D2h PSCR Reset Value PSCR7 0 PSCR6 1 PSCR5 1 PSCR4 1 PSCR3 1 PSCR2 1 PSCR1 1 PSCR0 1 0D3h TCR Reset Value TCR7 1 TCR6 1 TCR5 1 TCR4 1 TCR3 1 TCR2 1 TCR1 1 TCR0 1 0D4h TSCR Reset Value TMZ 0 ETI 0 TOUT 0 DOUT 0 PSI 0 PS2 0 PS1 0 PS0 0 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |