| Electronic Components Datasheet Search |
|
ST62P25LD3 Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LD3 Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 105 page ![]() ST6215C ST6225C 6/105 1 INTRODUCTION The ST6215C, 25C devices are low cost members of the ST62xx 8-bit HCMOS family of microcontrol- lers, which is targeted at low to medium complexity applications. All ST62xx devices are based on a building block approach: a common core is sur- rounded by a number of on-chip peripherals. The ST62E25C is the erasable EPROM version of the ST62T15C, T25C devices, which may be used during the development phase for the ST62T15C, T25C target devices, as well as the respective ST6215C, 25C ROM devices. OTP and EPROM devices are functionally identi- cal. OTP devices offer all the advantages of user programmability at low cost, which make them the ideal choice in a wide range of applications where frequent code changes, multiple code versions or last minute programmability are required. The ROM based versions offer the same function- ality, selecting the options defined in the program- mable option bytes of the OTP/EPROM versions in the ROM option list (See Section 12.6 on page 97). The ST62P15C/P25C are the Factory Advanced Service Technique ROM (FASTROM) versions of ST62T15C,T25C OTP devices. They offer the same functionality as OTP devices, but they do not have to be programmed by the customer (See Section 12 on page 91). These compact low-cost devices feature a Timer comprising an 8-bit counter with a 7-bit program- mable prescaler, an 8-bit A/D Converter with 16 analog inputs and a Digital Watchdog timer, mak- ing them well suited for a wide range of automo- tive, appliance and industrial applications. For easy reference, all parametric data is located in Section 11 on page 63. Figure 1. Block Diagram NMI INTERRUPTS PROGRAM PC STACK LEVEL 1 STACK LEVEL 2 STACK LEVEL 3 STACK LEVEL 4 STACK LEVEL 5 STACK LEVEL 6 POWER SUPPLY OSCILLATOR RESET DATA ROM USER SELECTABLE DATA RAM 64 Bytes PORT A PORT B PORT C TIMER 8-BIT CORE 8-BIT A/D CONVERTER PA0..PA3 (20mA Sink) PA4..PA7 / Ain PB0..PB7 / Ain PC4..PC7 / Ain TIMER VDD VSS OSCin OSCout RESET WATCHDOG : MEMORY TIMER (2K or 4K Bytes) VPP 4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |