Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL1632L4-R033-F-T1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RL1632L4-R033-F-T1
Description  RP series, RPH series,high-power metal film chip resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL1632L4-R033-F-T1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RL1632L4-R033-F-T1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL1632L4-R033-F-T1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL1632L4-R033-F-T1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL1632L4-R033-F-T1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL1632L4-R033-F-T1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL1632L4-R033-F-T1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RL 1220 S - 1R0 - F
Resistance Tolerance
Resistance
(1R0 1.0 , R0** less than 0.091 )
Temperature Coefficient of Resistance
Dimensions
Part Code
SPECIFICATIONS
PART NUMBER
Mechanical
susumu group catalog
These thin film low resistance value chip resistors are offered in international standard sizes. They exhibit
excellent performance in resistance, noise performance, surface heat distribution and a lower surface
temperature. Useful in many current sensing applications. Available in 1/10, 1/8 ,1/4,1/2 and 1 watt package.
0201 low resistance value chip resistor.
RL series, low resistance value chip resistors
with short-side electrodes for
high-precision current detection.
NEW Smallest in the market
RoHS compliant
( unit : mm)
( unit : mm)
Electrical
• Please contact us for tolerance 1% in RL0603.
• Please contact us for tolerance 0.5% for 0.1 or more in RL0816, as well as 0.5% for 0.047 or more in RL1220.
2%(G)
5%(J)
1%(F)
2%(G)
RL1220
1/4W
0 200(S)
0 350(T)
0 350(T)
0.1 10
0.043 0.091
0.01 0.039
RL0603
RL0510
1/10W
0 200(S)
0.1 4.7
1%(F)
2%(G)
1/8W
0.05 4.7
E 24
5,000pcs/reel
10,000pcs/reel
1%(F)
2%(G)
RL0816
1/8W
0 100(R)
0 200(S)
0 100(R)
0 200(S)
0 200(S)
0.02 0.091
1%(F)
0.1 6.8
Type
Power
Tolerance %(code)
Resistance Range( )
Resistance Value
Package
TCR ppm / C(code)
RL1632 series and RL3264 series :
4 digits
2%(G)
2%(G)
1%(F)
2%(G)
RL3264
1W
RL1632
1/2W
0
350
(T)
0
500
(T)
0.01 0.016
0.01 0.015
0.018 0.024
0.033 0.051
0.027 0.03
E 24, 0.05
5,000pcs/reel
E 12
5,000pcs/reel
1%(F)
2%(G)
0.5%(D)
1.0%(F)
100
(R)
0
200
(S)
0
350
(T)
0
500
(T)
100
(R)
0
200
(S)
0.056 0.47
0.51 4.7
0.018 0.022
0.033 0.047
0.027
0.056 0.47
Type
Power
Tolerance %(code)
Resistance Range( )
Resistance Value
Package
TCR ppm / C(code)
Dimension(Inch Size)
RL0510 (0402)
L
W
A
B
T
1.00 0.05
0.50 0.05
0.15 0.10
0.25 0.10
0.35 0.10
0.15 0.10
0.35 0.15/ 0.10
0.25 0.20
0.45 0.10
0.20 0.15
0.45 0.15/ 0.10
RL0816 (0603)
1.60 0.10
0.80 0.10
0.20 0.15
RL0603 (0201)
0.60 0.05
0.30 0.03
0.12 0.05
0.15 0.05
0.28 0.03/ 0.05
Single side structure Double sides structure R
≦0.20 Single side structure Double sides structure R≦0.082
Dimension(Inch Size)
RL1220 (0805)
L
W
A
B
T
2.00 0.20
1.25 0.20
0.40 0.20
0.40 0.20
0.40 0.10 0.40 0.15/ 0.10
Single side structure Double sides structure R
≦0.082
RL1632 (1206)
RL3264 (2512)
6.40 0.20
3.20 0.20
2.00 0.15
0.50 0.15
3.20 0.20
1.60 0.20
1.00 0.15
0.50 0.15
L
W
T
A
B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com