Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RL1632L4-R033-F-T1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RL1632L4-R033-F-T1
Description  RP series, RPH series,high-power metal film chip resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL1632L4-R033-F-T1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RL1632L4-R033-F-T1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL1632L4-R033-F-T1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL1632L4-R033-F-T1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL1632L4-R033-F-T1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL1632L4-R033-F-T1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL1632L4-R033-F-T1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
High-precision current-detection elements
RL
•L series: four-terminal type
Dimension
(Inch Size)
RL1632L4
(1206)
L
W
a
b
T
3.2 0.2
1.6 0.2
1.0 0.2
0.55 0.2
0.5 0.15
V
I
V
I
RL2550L4
(2010)
5.0 0.2
2.5 0.2
1.7 0.2
0.9 0.2
0.5 0.15
RL3264L4
(2512)
6.4 0.2
3.2 0.2
2.1 0.2
1.2 0.2
0.5 0.15
RL 1632 L4 - R033 - F - T1(T5)
Resistance Tolerance
Package
(T1:1000pcs/reel, T5:5000pcs/reel)
Current-detection Resistance Values
Number of Terminals
Dimensions
Part Code
SPECIFICATIONS
Mechanical
Electrical
Equivalent circuit
PART NUMBER
Type
Power
Tolerance %(code)
Resistance Range ( )
Resistance Value ( )
Terminal Resistance ( )
Package
RL3264L4
1W
RL1632L4
1/2W
10 47m
5 M or less
50 500m
20 M or less
3 8m
1 M or less
10 500m
50ppm/ C
3 5m
100ppm/ C
10 47m
5 M or less
50 500m
20 M or less
6 500m
50ppm/ C
E-12 series
50, 500m
E-12 series
3, 4, 5, 6, 7, 8, 50, 500m
RL2550L4
3/4W
0.5%(D)
1%(F)
1,000(T1)pcs/reel, 5,000(T5)pcs/reel
susumu group catalog
Newly released: A four-terminal structure with separate voltage- and current-terminals
assures high-precision TCR of 50ppm/ C and 0.5% tolerance.
NEW
• Contact us for even lower resistance values.
V=Voltage Terminal
I =Current Terminal
RoHS compliant
( unit : mm)
TCR ppm / C(code)
Top side
back side
W
a
b
L
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com