Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STBB1PUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STBB1PUR Datasheet HTML 3Page - STMicroelectronics STBB1PUR Datasheet HTML 4Page - STMicroelectronics STBB1PUR Datasheet HTML 5Page - STMicroelectronics STBB1PUR Datasheet HTML 6Page - STMicroelectronics STBB1PUR Datasheet HTML 7Page - STMicroelectronics STBB1PUR Datasheet HTML 8Page - STMicroelectronics STBB1PUR Datasheet HTML 9Page - STMicroelectronics STBB1PUR Datasheet HTML 10Page - STMicroelectronics STBB1PUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STBB1XX
Electrical characteristics
Doc ID 15474 Rev 5
7/21
5
Electrical characteristics
VIN = VINA = VEN = 3.6 V, CIN = 10 µF, COUT = 10 µF, L = 2.2 µH, TJ = - 40 to 85°C (unless
otherwise specified; typical values are referred to TA = 25 °C).
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Input voltage range
2.0
5.5
V
VUVLO
Under voltage lockout threshold
VINA rising
1.70
1.80
V
VINA falling
1.50
1.60
VFB
Feedback voltage
485
500
515
mV
TJ = 25°C
490
500
510
mV
VOUT
Output voltage range
1.2
5.5
V
ZFB
FB input impedance
10
M
Ω
IQ
No switching quiescent current
(VIN+VINA) (see Figure 3, 4)
FB = 0.7 V, VMODE = 0 V
160
250
µA
FB = 0.7 V, VMODE = VIN
600
750
IQ
Operating quiescent current
(VIN+VINA)
IOUT = 0 A, VOUT = 3.3 V,
VMODE = 0 V
200
µA
IOUT = 0 A, VOUT = 3.3 V,
VMODE = VIN
3.4
5.0
mA
IQSHDN
Shutdown quiescent current
VEN = 0 V, VIN = 3.6 V
0.1
1
µA
freq
Oscillator frequency
1300
1500
1750
kHz
Frequency range for
synchronization
1300
2000
VEN
Enable input logic low
VIN = 2.2 V to 5.5 V
0.4
V
Enable input logic high
VIN = 2.2 V to 5.5 V
1.2
IEN
Enable pin current
VEN = 5.5 V
0.01
1
µA
VMODE/SYNC
MODE/SYNC input logic low
VIN = 2.2 V to 5.5 V
0.4
V
MODE/SYNC input logic high
VIN = 2.2 V to 5.5 V
1.2
IMODE/SYNC MODE/SYNC pin current
VMODE/SYNC = 5.5 V
0.01
1
µA
%VOUT
Line regulation
2.2 V < VIN < 5.5 V; IOUT = 1 mA
0.5
%
%VOUT
Load regulation
10 mA < IOUT < 1000 mA
1
%
ISWL
Switch current limitation
VIN = 3.3 V
1.6
2.3
2.6
A
ILKN
NMOS leakage current
VIN = 5.5 V
0.01
1
µA
ILKP
PMOS leakage current
0.01
1
µA
RDSon-N
NMOS switch on resistance
0.13
0.35
Ω
RDSon-P
PMOS switch on resistance
0.13
0.35
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com