Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STBB1PUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STBB1PUR
Description  1 A, high efficiency single inductor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB1PUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STBB1PUR Datasheet HTML 7Page - STMicroelectronics STBB1PUR Datasheet HTML 8Page - STMicroelectronics STBB1PUR Datasheet HTML 9Page - STMicroelectronics STBB1PUR Datasheet HTML 10Page - STMicroelectronics STBB1PUR Datasheet HTML 11Page - STMicroelectronics STBB1PUR Datasheet HTML 12Page - STMicroelectronics STBB1PUR Datasheet HTML 13Page - STMicroelectronics STBB1PUR Datasheet HTML 14Page - STMicroelectronics STBB1PUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STBB1XX
Typical performance characteristics
Doc ID 15474 Rev 5
11/21
7
Typical performance characteristics
L = 2.2 µH, VO = 3.3 V, all measurements done with circuit shown in Figure 3 and external
components listed in Table 5.
Figure 5.
Efficiency vs. IOUT in auto mode
Figure 6.
Efficiency vs. IOUT in PWM mode
Figure 7.
Efficiency vs. VIN, IOUT = 500 mA
Figure 8.
PS to PWM transition
Figure 9.
Max IOUT vs. VIN
Figure 10.
Boost region operation
VIN = 2.5 V VO = 3.3 V IO = 50 mA, pulse skipping
50
60
70
80
90
100
1
10
100
1000
Output Current [mA]
V
IN = 3.6 V
V
IN = 2.2 V
V
IN = 5.0 V
50
60
70
80
90
100
1
10
100
1000
Output Current [mA]
V
IN = 3.6 V
V
IN = 2.2 V
V
IN = 5.0 V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current [mA]
V
IN = 3.6 V
V
IN = 5.0 V
V
IN = 2.2 V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current [mA]
V
IN = 3.6 V
V
IN = 5.0 V
V
IN = 2.2 V
50
60
70
80
90
100
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
Input Voltage [V]
V
O = 2.5 V
V
O = 5.0 V
V
O = 3.3 V
50
60
70
80
90
100
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
Input Voltage [V]
V
O = 2.5 V
V
O = 5.0 V
V
O = 3.3 V
100
200
300
400
500
600
700
800
2.1 2.4 2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4
VIN [V]
100
200
300
400
500
600
700
800
2.1 2.4 2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4
VIN [V]
200
300
400
500
600
700
800
900
1000
1100
1200
22.5
33.5
44.5
5
5.5
Input Voltage
V
O = 2.5 V
V
O = 3.3 V
V
O = 5.0 V
200
300
400
500
600
700
800
900
1000
1100
1200
22.5
33.5
44.5
5
5.5
Input Voltage
V
O = 2.5 V
V
O = 3.3 V
V
O = 5.0 V
SW1
3 V/div
SW2
3 V/div
I
L
0.2 A/div
V
O
70 mV/div
AC Coupled
TIMEBASE: 2
µs/div
SW1
3 V/div
SW2
3 V/div
I
L
0.2 A/div
V
O
70 mV/div
AC Coupled
TIMEBASE: 2
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com