Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 378 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 378 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 374Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 375Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 376Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 377Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 378Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 379Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 380Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 381Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 382Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 430 page
background image
PIC18F2455/2550/4455/4550
DS39632D-page 376
Preliminary
© 2007 Microchip Technology Inc.
TABLE 28-4:
USB MODULE SPECIFICATIONS
TABLE 28-5:
USB INTERNAL VOLTAGE REGULATOR SPECIFICATIONS
Operating Conditions: -40°C < TA < +85°C (unless otherwise stated).
Param
No.
Sym
Characteristic
Min
Typ
Max
Units
Comments
D313
VUSB
USB Voltage
3.0
—
3.6
V
Voltage on bus must be in this
range for proper USB
operation
D314
IIL
Input Leakage on Pin
—
—
±1
μAVSS ≤ VPAD ≤ VDD;
pin at high impedance
D315
VILUSB
Input Low Voltage for USB
Buffer
——
0.8
V
For VUSB range
D316
VIHUSB
Input High Voltage for USB
Buffer
2.0
—
—
V
For VUSB range
D317
VCRS
Crossover Voltage
1.3
2.0
V
Voltage range for pad_dp and
pad_dm crossover to occur
D318
VDIFS
Differential Input Sensitivity
—
—
0.2
V
The difference between D+
and D- must exceed this value
while VCM is met
D319
VCM
Differential Common Mode
Range
0.8
—
2.5
V
D320
ZOUT
Driver Output Impedance
28
—
44
Ω
D321
VOL
Voltage Output Low
0.0
—
0.3
V
1.5 k
Ω load connected to 3.6V
D322
VOH
Voltage Output High
2.8
—
3.6
V
15 k
Ω load connected to
ground
Operating Conditions: -40°C < TA < +85°C (unless otherwise stated).
Param
No.
Sym
Characteristics
Min
Typ
Max
Units
Comments
D323
VUSBANA Regulator Output Voltage*
3.0
—
3.6
V
D324
CUSB
External Filter Capacitor
Value*
220
—
—
nF
Must hold sufficient charge
for peak load with minimal
voltage drop
*
These parameters are characterized but not tested. Parameter numbers not yet assigned for these
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com