Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550EPSQTP Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC18F4550EPSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550EPSQTP Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC18F4550EPSQTP Datasheet HTML 31Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 32Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 33Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 34Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 35Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 36Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 37Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 38Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 430 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39632D-page 33
PIC18F2455/2550/4455/4550
2.5
Effects of Power-Managed Modes
on the Various Clock Sources
When PRI_IDLE mode is selected, the designated
primary oscillator continues to run without interruption.
For all other power-managed modes, the oscillator
using the OSC1 pin is disabled. Unless the USB
module is enabled, the OSC1 pin (and OSC2 pin if
used by the oscillator) will stop oscillating.
In
secondary
clock
modes
(SEC_RUN
and
SEC_IDLE), the Timer1 oscillator is operating and
providing the device clock. The Timer1 oscillator may
also run in all power-managed modes if required to
clock Timer1 or Timer3.
In internal oscillator modes (RC_RUN and RC_IDLE),
the internal oscillator block provides the device clock
source. The 31 kHz INTRC output can be used directly
to provide the clock and may be enabled to support
various
special
features
regardless
of
the
power-managed mode (see Section 25.2 “Watchdog
Timer (WDT)”, Section 25.3 “Two-Speed Start-up”
and Section 25.4 “Fail-Safe Clock Monitor” for more
information on WDT, Fail-Safe Clock Monitor and
Two-Speed Start-up). The INTOSC output at 8 MHz
may be used directly to clock the device or may be
divided down by the postscaler. The INTOSC output is
disabled if the clock is provided directly from the INTRC
output.
Regardless of the Run or Idle mode selected, the USB
clock source will continue to operate. If the device is
operating from a crystal or resonator-based oscillator,
that oscillator will continue to clock the USB module.
The core and all other modules will switch to the new
clock source.
If the Sleep mode is selected, all clock sources are
stopped. Since all the transistor switching currents
have been stopped, Sleep mode achieves the lowest
current consumption of the device (only leakage
currents).
Sleep mode should never be invoked while the USB
module is operating and connected. The only exception
is when the device has been issued a “Suspend”
command over the USB. Once the module has sus-
pended operation and shifted to a low-power state, the
microcontroller may be safely put into Sleep mode.
Enabling any on-chip feature that will operate during
Sleep will increase the current consumed during Sleep.
The INTRC is required to support WDT operation. The
Timer1 oscillator may be operating to support a
Real-Time Clock. Other features may be operating that
do not require a device clock source (i.e., MSSP slave,
PSP, INTn pins and others). Peripherals that may add
significant
current
consumption
are
listed
in
Section 28.2 “DC Characteristics: Power-Down and
Supply Current”.
2.6
Power-up Delays
Power-up delays are controlled by two timers so that no
external Reset circuitry is required for most applications.
The delays ensure that the device is kept in Reset until
the device power supply is stable under normal circum-
stances and the primary clock is operating and stable.
For additional information on power-up delays, see
Section 4.5 “Device Reset Timers”.
The first timer is the Power-up Timer (PWRT), which
provides a fixed delay on power-up (parameter 33,
Table 28-12). It is enabled by clearing (= 0) the
PWRTEN Configuration bit.
The second timer is the Oscillator Start-up Timer
(OST), intended to keep the chip in Reset until the
crystal oscillator is stable (XT and HS modes). The
OST does this by counting 1024 oscillator cycles
before allowing the oscillator to clock the device.
When the HSPLL Oscillator mode is selected, the
device is kept in Reset for an additional 2 ms following
the HS mode OST delay, so the PLL can lock to the
incoming clock frequency.
There is a delay of interval, TCSD (parameter 38,
Table 28-12), following POR, while the controller
becomes ready to execute instructions. This delay runs
concurrently with any other delays. This may be the
only delay that occurs when any of the EC or internal
oscillator modes are used as the primary clock source.
TABLE 2-4:
OSC1 AND OSC2 PIN STATES IN SLEEP MODE
Oscillator Mode
OSC1 Pin
OSC2 Pin
INTCKO
Floating, pulled by external clock
At logic low (clock/4 output)
INTIO
Floating, pulled by external clock
Configured as PORTA, bit 6
ECIO, ECPIO
Floating, pulled by external clock
Configured as PORTA, bit 6
EC
Floating, pulled by external clock
At logic low (clock/4 output)
XT and HS
Feedback inverter disabled at quiescent
voltage level
Feedback inverter disabled at quiescent
voltage level
Note:
See Table 4-2 in Section 4.0 “Reset” for time-outs due to Sleep and MCLR Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com