Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550EPSQTP Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC18F4550EPSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550EPSQTP Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC18F4550EPSQTP Datasheet HTML 15Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 16Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 17Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 18Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 19Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 20Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 21Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 22Page - Microchip Technology PIC18F4550EPSQTP Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 430 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39632D-page 17
PIC18F2455/2550/4455/4550
PORTA is a bidirectional I/O port.
RA0/AN0
RA0
AN0
219
19
I/O
I
TTL
Analog
Digital I/O.
Analog input 0.
RA1/AN1
RA1
AN1
320
20
I/O
I
TTL
Analog
Digital I/O.
Analog input 1.
RA2/AN2/VREF-/
CVREF
RA2
AN2
VREF-
CVREF
421
21
I/O
I
I
O
TTL
Analog
Analog
Analog
Digital I/O.
Analog input 2.
A/D reference voltage (low) input.
Analog comparator reference output.
RA3/AN3/VREF+
RA3
AN3
VREF+
522
22
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog input 3.
A/D reference voltage (high) input.
RA4/T0CKI/C1OUT/
RCV
RA4
T0CKI
C1OUT
RCV
623
23
I/O
I
O
I
ST
ST
—
TTL
Digital I/O.
Timer0 external clock input.
Comparator 1 output.
External USB transceiver RCV input.
RA5/AN4/SS/
HLVDIN/C2OUT
RA5
AN4
SS
HLVDIN
C2OUT
724
24
I/O
I
I
I
O
TTL
Analog
TTL
Analog
—
Digital I/O.
Analog input 4.
SPI slave select input.
High/Low-Voltage Detect input.
Comparator 2 output.
RA6
—
—
—
—
—
See the OSC2/CLKO/RA6 pin.
TABLE 1-3:
PIC18F4455/4550 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP
QFN
TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
Note 1:
Alternate assignment for CCP2 when CCP2MX Configuration bit is cleared.
2:
Default assignment for CCP2 when CCP2MX Configuration bit is set.
3:
These pins are No Connect unless the ICPRT Configuration bit is set. For NC/ICPORTS, the pin is No
Connect unless ICPRT is set and the DEBUG Configuration bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com