Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP61L256B Datasheet(PDF) 8 Page - AMIC Technology

Part # LP61L256B
Description  32K X 8 Bit High SPEED LOW VCC CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256B Datasheet(HTML) 8 Page - AMIC Technology

Back Button LP61L256B Datasheet HTML 3Page - AMIC Technology LP61L256B Datasheet HTML 4Page - AMIC Technology LP61L256B Datasheet HTML 5Page - AMIC Technology LP61L256B Datasheet HTML 6Page - AMIC Technology LP61L256B Datasheet HTML 7Page - AMIC Technology LP61L256B Datasheet HTML 8Page - AMIC Technology LP61L256B Datasheet HTML 9Page - AMIC Technology LP61L256B Datasheet HTML 10Page - AMIC Technology LP61L256B Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LP61L256B Series
(August, 2001, Version 1.0)
8
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0V - 3V
Input Rise and Fall Times
3 ns
Input and Current Timing Reference Levels
1.5V
Output Load
See Figures 1, 2 and 3
+3.3V
I/O
350
Ω
320
Ω
30pF*
* Including scope and jig.
+3.3V
I/O
350
Ω
320
Ω
5pF*
* Including scope and jig.
ZO=50
Ω
OUTPUT
RL=50
Ω
VT=1.5V
Figure 1. Output Load
Figure 2. Output Load for tCLZ,
Figure 3. Output Load
tOLZ, tCHZ, tOHZ, tWHZ,
and tOW
Data Retention Characteristics (TA = 0
°C to 70°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR
VCC for Data Retention
2.0
3.6
V
CE
≥ VCC - 0.2V
ICCDR
Data Retention Current
-
0.5
mA
VCC = 2V, CE
≥ VCC - 0.2V
VIN
≥ VCC - 0.2V or
VIN
≤ 0.2V
tCDR
Chip Disable to Data Retention Time
0
-
ns
See Retention Waveform
tR
Operation Recovery Time
5
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com