Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP61L256B Datasheet(PDF) 7 Page - AMIC Technology

Part # LP61L256B
Description  32K X 8 Bit High SPEED LOW VCC CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256B Datasheet(HTML) 7 Page - AMIC Technology

Back Button LP61L256B Datasheet HTML 3Page - AMIC Technology LP61L256B Datasheet HTML 4Page - AMIC Technology LP61L256B Datasheet HTML 5Page - AMIC Technology LP61L256B Datasheet HTML 6Page - AMIC Technology LP61L256B Datasheet HTML 7Page - AMIC Technology LP61L256B Datasheet HTML 8Page - AMIC Technology LP61L256B Datasheet HTML 9Page - AMIC Technology LP61L256B Datasheet HTML 10Page - AMIC Technology LP61L256B Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LP61L256B Series
(August, 2001, Version 1.0)
7
AMIC Technology, Inc.
Timing Waveforms (continued)
Write Cycle
(6)
(Write Enable Controlled)
tWC
Address
DIN
tOW7
tDH
tDW
tWHZ7
tWP2
tAS1
(4)
tCW5
tAW
tWR3
DOUT
WE
CE
Write Cycle 2
(Chip Enable Controlled)
tWC
Address
DIN
tDW
tWHZ7
tAW
tWR3
DOUT
tDH
(4)
tWP2
tCW5
tAS1
CE
WE
Notes: 1. tAS is measured from address valid to the beginning of Write.
2. A Write occurs during the overlap (tWP) of a low CE and a low WE .
3. tWR is measured from CE or WE going high to the end of the Write cycle.
4. If the CE low transition occurs simultaneously with the WE low transition or after the WE transition, outputs
remain in a high impedance state.
5. tCW is measured from CE going low to the end of Write.
6. OE is continuously low ( OE = VIL).
7. Transition is measured
±200mV from steady state. This parameter is sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com