Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP62S2048AX-55LLI Datasheet(PDF) 4 Page - AMIC Technology

Part # LP62S2048AX-55LLI
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S2048AX-55LLI Datasheet(HTML) 4 Page - AMIC Technology

  LP62S2048AX-55LLI Datasheet HTML 1Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 2Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 3Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 4Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 5Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 6Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 7Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 8Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LP62S2048A-I Series
PRELIMINARY
(June, 2002, Version 0.0)
4
AMIC Technology, Inc.
Pin Description - SOP
Pin No.
Symbol
Description
1 - 12, 23,
25 - 28, 31
A0 - A17
Address Inputs
13 - 15,
17 - 21
I/O1 - I/O8
Data Input/Outputs
16
GND
Ground
22
CE1
Chip Enable
24
OE
Output Enable
29
WE
Write Enable
30
CE2
Chip Enable
32
VCC
Power Supply
Pin Descriptions - TSOP/TSSOP
Pin No.
Symbol
Description
1 - 4, 7,
9 - 20, 31
A0 - A17
Address Inputs
5
WE
Write Enable
6
CE2
Chip Enable
8
VCC
Power Supply
9
NC
No Connection
21 - 23,
25 - 29
I/O1 - I/O8
Data Input/Outputs
24
GND
Ground
30
CE1
Chip Enable
32
OE
Output Enable
Pin Description - CSP
Symbol
Description
Symbol
Description
A0 - A17
Address Inputs
NC
No Connection
WE
Write Enable
I/O1 - I/O8
Data Input/Output
OE
Output Enable
VCC
Power Supply
CE1
Chip Enable
GND
Ground
CE2
Chip Enable
--
--
Recommended DC Operating Conditions
(TA = -40
°C to + 85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.0
3.3
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.0
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
-
+0.6
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com