Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP62S2048AX-55LLI Datasheet(PDF) 7 Page - AMIC Technology

Part # LP62S2048AX-55LLI
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S2048AX-55LLI Datasheet(HTML) 7 Page - AMIC Technology

Back Button LP62S2048AX-55LLI Datasheet HTML 3Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 4Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 5Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 6Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 7Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 8Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 9Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 10Page - AMIC Technology LP62S2048AX-55LLI Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LP62S2048A-I Series
PRELIMINARY
(June, 2002, Version 0.0)
7
AMIC Technology, Inc.
AC Characteristics
(TA = -40
°C to + 85°C, VCC = 2.7V to 3.3V)
Symbol
Parameter
LP62S2048A-55LLI
LP62S2048A-70LLI
Unit
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
55
-
70
-
ns
tAA
Address Access Time
-
55
-
70
ns
tACE1
Chip Enable Access Time
CE1
-
55
-
70
ns
tACE2
CE2
-
55
-
70
ns
tOE
Output Enable to Output Valid
-
25
-
35
ns
tCLZ1
Chip Enable to Output in Low Z
CE1
10
-
10
-
ns
tCLZ2
CE2
10
-
10
-
ns
tOLZ
Output Enable to Output in Low Z
5
-
5
-
ns
tCHZ1
Chip Disable to Output in High Z
CE1
0
20
0
25
ns
tCHZ2
CE2
0
20
0
25
ns
tOHZ
Output Disable to Output in High Z
0
20
0
25
ns
tOH
Output Hold from Address Change
5
-
10
-
ns
Write Cycle
tWC
Write Cycle Time
55
-
70
-
ns
tCW
Chip Enable to End of Write
50
-
60
-
ns
tAS
Address Setup Time
0
-
0
-
ns
tAW
Address Valid to End of Write
50
-
60
-
ns
tWP
Write Pulse Width
40
-
50
-
ns
tWR
Write Recovery Time
0
-
0
-
ns
tWHZ
Write to Output in High Z
0
25
0
25
ns
tDW
Data to Write Time Overlap
25
-
30
-
ns
tDH
Data Hold from Write Time
0
-
0
-
ns
tOW
Output Active from End of Write
5
-
5
-
ns
Notes: tCHZ1, tCHZ2, tOHZ, and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are
not referred to output voltage levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com