Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P33TF70 Datasheet(PDF) 45 Page - Numonyx B.V

Part # JS28F640P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33TF70 Datasheet(HTML) 45 Page - Numonyx B.V

Back Button JS28F640P33TF70 Datasheet HTML 41Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 42Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 43Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 44Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 45Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 46Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 47Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 48Page - Numonyx B.V JS28F640P33TF70 Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
Datasheet
Jul 2011
45
Order Number:208034-04
P33-65nm SBC
13.0
Maximum Ratings and Operating Conditions
13.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the Absolute Maximum Ratings may cause permanent
damage. These are stress ratings only.
13.2
Operating Conditions
Note:
Operation beyond the Operating Conditions is not recommended and extended
exposure beyond the Operating Conditions may affect device reliability.
Table 18: Absolute Maximum Ratings
Parameter
Maximum Rating
Notes
Temperature under bias
–40 °C to +85 °C
-
Storage temperature
–65 °C to +125 °C
-
Voltage on any input/output signal (except VCC, VPP and VCCQ)
–2.0 V to +5.6 V
1
VPP voltage
–2.0 V to +11.5 V
1,2
VCC voltage
–2.0 V to +5.6 V
1
VCCQ voltage
–2.0 V to +5.6 V
1
Output short circuit current
100 mA
3
Notes:
1.
Voltages shown are specified with respect to VSS. During infrequent non-periodic transitions, the level may undershoot
to –2.0 V for periods less than 20 ns or overshoot to VCC + 2.0 V or VCCQ + 2.0 V for periods less than 20 ns.
2.
Program/erase voltage is typically 2.3 V ~ 3.6 V. 9.0 V can be applied for 80 hours maximum total. 9.0 V program/erase
voltage may reduce block cycling capability.
3.
Output shorted for no more than one second. No more than one output shorted at a time.
Table 19: Operating Conditions
Symbol
Parameter
Min
Max
Units
Notes
TC
Operating Temperature
–40
+85
°C
1
VCC
VCC Supply Voltage
2.3
3.6
V
-
VCCQ
I/O Supply Voltage
CMOS inputs
2.3
3.6
-
TTL inputs
2.4
3.6
VPPL
VPP Voltage Supply (Logic Level)
1.5
3.6
2
VPPH
Buffered Enhanced Factory Programming VPP
8.5
9.5
tPPH
Maximum VPP Hours
VPP = VPPH
-80
Hours
Block
Erase
Cycles
Main and Parameter Blocks
VPP = VPPL
100,000
-
Cycles
Main Blocks
VPP = VPPH
-
1000
Parameter Blocks
VPP = VPPH
-
2500
Notes:
1.
TC = Case Temperature.
2.
In typical operation VPP program voltage is VPPL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com