Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33BF70 Datasheet(PDF) 21 Page - Numonyx B.V

Part # JS28F128P33BF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P33BF70 Datasheet(HTML) 21 Page - Numonyx B.V

Back Button JS28F128P33BF70 Datasheet HTML 17Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 18Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 19Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 20Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 21Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 22Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 23Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 24Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Datasheet
Jul 2011
21
Order Number:208034-04
P33-65nm SBC
7.3
Read Device Identifier
The Read Device Identifier command instructs the device to output manufacturer code,
device identifier code, block-lock status, OTP Register data, or Read Configuration
Register data (see Section 6.2, “Device Command Bus Cycles” on page 18 for details on
issuing the Read Device Identifier command). Table 7, “Device Identifier Information”
on page 21 and Table 8, “Device ID codes” on page 21 show the address offsets and
data values for this device.
7.4
Read CFI
The Read CFI command instructs the device to output Common Flash Interface data
when read. See Section 6.1, “Device Command Codes” on page 16 for detail on issuing
the CFI Query command. Section A.1, “Common Flash Interface” on page 60 shows CFI
information and address offsets within the CFI database.
Table 7:
Device Identifier Information
Item
Address(1,2)
Data
Manufacturer Code
0x00
0x89h
Device ID Code
0x01
ID (see
Table 8)
Block Lock Configuration:
BBA + 0x02
Lock Bit:
• Block Is Unlocked
DQ0 = 0b0
• Block Is Locked
DQ0 = 0b1
• Block Is not Locked-Down
DQ1 = 0b0
• Block Is Locked-Down
DQ1 = 0b1
Read Configuration Register
0x05
RCR Contents
General Purpose Register(3)
DBA + 0x07
GPR data
Lock Register 0
0x80
PR-LK0
64-bit Factory-Programmed OTP Register
0x81–0x84
Numonyx Factory OTP Register data
64-bit User-Programmable OTP Register
0x85–0x88
User OTP Register data
Lock Register 1
0x89
OTP Register lock data
128-bit User-Programmable OTP Registers
0x8A–0x109
User OTP Register data
Notes:
1.
BBA = Block Base Address.
2.
DBA = Device base Address, Numonyx reserves other configuration address locations.
3.
In P33-65nm SBC, the GPR is used as read out register for Extended Function interface command.
Table 8:
Device ID codes
ID Code Type
Device Density
Device Identifier Codes
–T
(Top Parameter)
–B
(Bottom Parameter)
Device Code
64-Mbit
881D
8820
128-Mbit
881E
8821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com