Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128P33BF70 Datasheet(PDF) 32 Page - Numonyx B.V

Part # JS28F128P33BF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P33BF70 Datasheet(HTML) 32 Page - Numonyx B.V

Back Button JS28F128P33BF70 Datasheet HTML 28Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 29Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 30Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 31Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 32Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 33Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 34Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 35Page - Numonyx B.V JS28F128P33BF70 Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
P33-65nm
Datasheet
Jul 2011
32
Order Number: 208034-04
11.0
Status Register
To read the Status Register, issue the Read Status Register command at any address.
Status Register information is available to which the Read Status Register, Word
Program, or Block Erase command was issued. SRD is automatically made available
following a Word Program, Block Erase, or Block Lock command sequence. Reads from
the device after any of these command sequences outputs the device’s status until
another valid command is written (e.g. the Read Array command).
The Status Register is read using single asynchronous-mode or synchronous burst
mode reads. SRD is output on DQ[7:0], while 0x00 is output on DQ[15:8]. In
asynchronous mode the falling edge of OE#, or CE# (whichever occurs first) updates
and latches the Status Register contents. However, when reading the Status Register in
synchronous burst mode, CE# or ADV# must be toggled to update SRD.
The Device Ready Status bit (SR.7) provides overall status of the device. SR[6:1]
present status and error information about the program, erase, suspend, VPP, and
block-locked operations.
Table 11: Status Register Description
Status Register (SR)
Default Value = 0x80
Device Ready
Status
Erase
Suspend
Status 1
1. Always clear the Status Register before resuming erase operations afer an Erase Suspend command; this prevents ambiguity in
Status Register information. For example, if a command sequence error occurs during an erase suspend state, the Status
Register contains the command sequence error status (SR[7,5,4] set). When the erase operation resumes and finishes, possible
errors during the erase operation cannot be deteted via the Stauts Register because it contains the previous error status.
Erase/Blank
Check Status
Program
Status
VPP Status
Program
Suspend
Status
Block-Locked
Status
BEFP Write
Status
DRS
ESS
ES
PS
VPPS
PSS
BLS
BWS
765
43210
Bit
Name
Description
7
Device Ready Status
0 = Device is busy; program or erase cycle in progress; SR.0 valid.
1 = Device is ready; SR[6:1] are valid.
6
Erase Suspend Status
0 = Erase suspend not in effect.
1 = Erase suspend in effect.
5
Erase/Blank
Check Status
Command
Sequence
Error
SR.5
SR.4
Description
4
Program
Status
0
0
1
1
0
1
0
1
Program or Erase operation successful.
Program error -operation aborted.
Erase or Blank Check error - operation aborted.
Command sequence error - command aborted.
3
VPP Status
0 = VPP within acceptable limits during program or erase operation.
1 = VPP < VPPLK during program or erase operation.
2
Program Suspend Status
0 = Program suspend not in effect.
1 = Program suspend in effect.
1Block-Locked Status
0 = Block not locked during program or erase.
1 = Block locked during program or erase; operation aborted.
0BEFP Write Status 2
2. BEFP mode is only valid in array.
After Buffered Enhanced Factory Programming (BEFP) data is loaded into the
buffer:
0 = BEFP complete.
1 = BEFP in-progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com