Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S103F3U6TR Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8S103F3U6TR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3U6TR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8S103F3U6TR Datasheet HTML 49Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 50Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 51Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 52Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 53Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 54Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 55Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 56Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 117 page
background image
Operating conditions
10.3
Table 19: General operating conditions
Unit
Max
Min
Conditions
Parameter
Symbol
MHz
16
0
Internal CPU clock frequency
fCPU
V
5.5
2.95
Standard operating voltage
VDD
nF
3300
470
CEXT: capacitance of
external capacitor
VCAP
(1)
Ω
0.3
-
at 1 MHz
(2)
ESR of external
capacitor
nH
15
-
ESL of external
capacitor
mW
238
-
TSSOP20
Power dissipation at TA = 85 °C
for suffix 6
PD
(3)
220
-
SO20W
220
-
UFQFPN20
330
-
LQFP32
526
-
UFQFPN32
330
-
SDIP32
59
-
TSSOP20
Power dissipation at TA = 125 °C
for suffix 3
55
-
SO20W
55
-
UFQFPN20
83
-
LQFP32
132
-
UFQFPN32
83
-
SDIP32
°C
85
-40
Maximum power dissipation
Ambient temperature for 6 suffix
version
TA
125
-40
Maximum power dissipation
Ambient temperature for 3 suffix
version
TA
105
-40
6 suffix version
Junction temperature range
TJ
130
-40
3 suffix version
53/117
DocID15441 Rev 9
Electrical characteristics
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com