Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S103F3U6TR Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM8S103F3U6TR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3U6TR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM8S103F3U6TR Datasheet HTML 66Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 67Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 68Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 69Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 70Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 71Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 72Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 73Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 117 page
background image
Memory characteristics
10.3.5
RAM and hardware registers
Table 36: RAM and hardware registers
Unit
Min
Conditions
Parameter
Symbol
V
VIT-max
(2)
Halt mode (or reset)
Data retention mode
(1)
VRM
(1) Minimum supply voltage without losing data stored in RAM (in halt mode or under reset)
or in hardware registers (only in halt mode). Guaranteed by design, not tested in production.
(2) Refer to the Operating conditions section for the value of V
IT-max
Flash program memory/data EEPROM memory
Table 37: Flash program memory/data EEPROM memory
Unit
Max
Typ
Min
(1)
Conditions
Parameter
Symbol
V
5.5
-
2.95
fCPU ≤ 16 MHz
Operating voltage
(all modes, execution/
write/erase)
VDD
ms
6.6
6
-
Standard programming time
(including erase) for
tprog
byte/word/block (1 byte/
4 bytes/64 bytes)
3.33
3
-
Fast programming time for
1 block (64 bytes)
3.33
3
-
Erase time for 1 block
(64 bytes)
terase
cycles
-
-
100
000
TA = +85 °C
Erase/write cycles
(2)
(program memory)
NRW
-
1 M
300
000
TA = +125 °C
Erase/write cycles
(data memory)
(2)
years
-
-
20
TRET = 55°C
Data retention (program
and data memory) after 10k
tRET
erase/write cycles at
TA = +55 °C
DocID15441 Rev 9
70/117
STM8S103K3 STM8S103F3 STM8S103F2
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com