Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S103F3U6TR Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM8S103F3U6TR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3U6TR Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM8S103F3U6TR Datasheet HTML 109Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 110Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 111Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 112Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 113Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 114Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 115Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 116Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 116 / 117 page
background image
Changes
Revision
Date
Added note for Px_IDR registers in Table 7: I/O port hardware
register map.
Added recommendation concerning NRST pin level, and power
consumption sensitive applications, above Figure 38:
Recommended reset pin protection.
Removed typical HSI accuracy curve in Internal clock sources
and timing characteristics.
Renamed package type 2 into package pitch and added pitch
code "C" in Figure 53: STM8S103x access line ordering
information scheme, and added UFQFPN20 in STM8S103
FASTROM microcontroller option list.
Updated disclaimer.
Updated notes related to VCAP in Table 19: General operating
conditions.
8
04-Apr-2012
Added values of tR/tF for 50 pF load capacitance, and updated
note in Table 38: I/O static characteristics.
Updated typical and maximum values of RPU in Table 38: I/O
static characteristics and Table 42: NRST pin characteristics.
Changed SCK input to SCK output in SPI serial peripheral
interface
Modified Figure 47: 20-lead, ultra thin, fine pitch quad flat
no-lead package outline (3 x 3)to add package top view.
Added SDIP32 package.
9
26-Jun-2012
DocID15441 Rev 9
116/117
STM8S103K3 STM8S103F3 STM8S103F2
Revision history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com