Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643AF0MLU1 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MLU1 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MLU1 Datasheet HTML 27Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 28Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 29Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 30Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 31Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 32Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 33Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 34Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 138 page
background image
2.4
Signal summary
Table 3. MPC5644A signal properties
Name
Function1
P
A
G2
PCR
PA
Field3
PCR4
I/O
Type
Voltage5 /
Pad Type6
Status7
Package pin #
During Reset
After
Reset
176
208
324
GPIO
EMIOS148
GPIO[203]
eMIOS channel
GPIO
P
G
01
00
203
O
I/O
VDDEH7
Slow
— / Up
— / Up
—
—
A15
EMIOS158
GPIO[204]
eMIOS channel
GPIO
P
G
01
00
204
O
I/O
VDDEH7
Slow
— / Up
—/ Up
—
—
D14
GPIO[206] ETRIG0 GPIO / eQADC Trigger Input
G
00
206
I/O9
VDDEH7
Slow10
— / Up
— / Up
143
R4
C14
GPIO[207] ETRIG1 GPIO / eQADC Trigger Input
G
00
207
I/O9
VDDEH7
Slow
— / Up
— / Up
144
P5
B14
GPIO[219]
GPIO
G
—
21911
I/O
VDDEH7
MultiV12
— / Up
— / Up
122
T6
—
Reset / Configuration
RESET
External Reset Input
P
—
—
I
VDDEH6
Slow
RESET / Up
RESET / Up
97
L16
R22
RSTOUT
External Reset Output
P
01
230
O
VDDEH6
Slow
RSTOUT /
Down
RSTOUT / Down 102
K15
P21
PLLREF
IRQ[4]
ETRIG2
GPIO[208]
FMPLL Mode Selection
External Interrupt Request
eQADC Trigger Input
GPIO
P
A1
A2
G
001
010
100
000
208
I
I
I
I/O
VDDEH6
Slow
— / Up
PLLREF / Up
83
M14
V21
PLLCFG113
IRQ[5]
DSPI_D_SOUT
GPIO[209]
—
External interrupt request
DSPI D data output
GPIO
—
A1
A2
G
—
010
100
000
209
—
I
O
I/O
VDDEH6
Medium
— / Up
— / Up
—
—
U20
RSTCFG
GPIO[210]
RSTCFG
GPIO
P
G
01
00
210
I
I/O
VDDEH6
Slow
— / Down
—
—
—
P22
BOOTCFG[0]
IRQ[2]
GPIO[211]
Boot Config. Input
External Interrupt Request
GPIO
P
A1
G
01
10
00
211
I
I
I/O
VDDEH6
Slow
— / Down
BOOTCFG[0] /
Down
——
T20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com