Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643AF0MLU1 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # SPC5643AF0MLU1
Description  MPC5644A Microcontroller Data Sheet
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643AF0MLU1 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button SPC5643AF0MLU1 Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 54Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 55Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5643AF0MLU1 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 138 page
background image
VDDE12
External supply input for
calibration bus interfaces
—
—
I
1.8 V - 3.3 V
I / —
VDDE12
—
—
—
VDDE223
External supply input for EBI
interfaces
—
—
I
1.8 V - 3.3 V
I / —
VDDE224
—
—
M9, M10
VDDE5
External supply input for
ENGCLK, CLKOUT and EBI
signals DATA[0:15]
—
—
I
1.8 V - 3.3 V
I / —
VDDE5
—
T13
N11, W5, W8
VDDE-EH
External supply for EBI
interfaces
—
—
I
3.0 V - 5 V
I / —
VDDE-EH
—
—
R3, V2
VDDEH1A25
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH1A25
31
—
—
VDDEH1B25
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH1B25
41
—
—
VDDEH1AB25
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH1AB25
—K4
K4
VDDEH426
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH426
——
—
VDDEH4A26
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH4A26
55
—
—
VDDEH4B26
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH4B26
74
—
—
VDDEH4AB26
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH4AB26
—
N9
W14, AA19
VDDEH627
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH627
——
—
VDDEH6A27
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH6A27
95
—
—
VDDEH6B27
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH6B27
110
—
—
VDDEH6AB27
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH6AB27
—
F13
M22, U19
Table 3. MPC5644A signal properties (continued)
Name
Function1
P
A
G2
PCR
PA
Field3
PCR4
I/O
Type
Voltage5 /
Pad Type6
Status7
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com