Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT9121 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT9121
Description  30V N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT9121 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT9121 Datasheet HTML 1Page - Advanced Analogic Technologies AAT9121 Datasheet HTML 2Page - Advanced Analogic Technologies AAT9121 Datasheet HTML 3Page - Advanced Analogic Technologies AAT9121 Datasheet HTML 4Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
The AAT9121 30V N-Channel Power MOSFET is a
member of AnalogicTech's TrenchDMOS™ prod-
uct family. Using the ultra-high density proprietary
TrenchDMOS technology, this product demon-
strates high power handling and small size.
Applications
DC-DC converters for mobile CPUs
Battery-powered portable equipment
High power density DC - DC supplies
Power supplies
Features
•VDS(MAX) = 30V
•ID(MAX) = 8A @ 25°C
Low Gate Charge
Low RDS(ON):
24 m
Ω @V
GS = 10V
35 m
Ω @ V
GS = 4.5V
SOP-8 Package
DD
D
D
SS
S
G
Top View
1
234
8
765
AAT9121
30V N-Channel Power MOSFET
Absolute Maximum Ratings (T
A=25°C unless otherwise noted)
Thermal Characteristics
Note 1: Mounted on 1” x 1” FR4 Copper Board, 10 sec pulse width.
Symbol
Description
Value
Units
RθJA
Typical Junction-to-Ambient
1
50
°C/W
RθJC
Typical Junction-to-Case
28
°C/W
Symbol
Description
Value
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
ID
Continuous Drain Current @ TJ=150°C
1
TA = 25°C
±8.0
TA = 70°C
±6.4
A
IDM
Pulsed Drain Current
±24
IS
Continuous Source Current (Source-Drain Diode)
1
2.25
PD
Maximum Power Dissipation
1
TA = 25°C
2.5
W
TA = 70°C
1.6
TJ, TSTG
Operating Junction and Storage Temperature Range
-55 to 150
°C
9121.2001.12.0.9
1
PWMSwitch


Similar Part No. - AAT9121

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT9123 ANALOGICTECH-AAT9123 Datasheet
268Kb / 4P
30V N-Channel Power MOSFET
AAT9123IAS-B1 ANALOGICTECH-AAT9123IAS-B1 Datasheet
268Kb / 4P
30V N-Channel Power MOSFET
AAT9123IAS-T1 ANALOGICTECH-AAT9123IAS-T1 Datasheet
268Kb / 4P
30V N-Channel Power MOSFET
AAT9125 ANALOGICTECH-AAT9125 Datasheet
255Kb / 4P
30V N-Channel Power MOSFET
AAT9125IAS-B1 ANALOGICTECH-AAT9125IAS-B1 Datasheet
255Kb / 4P
30V N-Channel Power MOSFET
More results

Similar Description - AAT9121

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
30V N-Channel Power MOSFET
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
30V N-Channel Power MOSFET
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03PQ56 TSC-TSM35N03PQ56 Datasheet
93Kb / 4P
30V N-Channel Power MOSFET
TSM40N03PQ33 TSC-TSM40N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
30V N-Channel Power MOSFET
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
30V N-Channel Power MOSFET
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
30V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com