Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM317S/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 8Page - Texas Instruments LM317S/NOPB Datasheet HTML 9Page - Texas Instruments LM317S/NOPB Datasheet HTML 10Page - Texas Instruments LM317S/NOPB Datasheet HTML 11Page - Texas Instruments LM317S/NOPB Datasheet HTML 12Page - Texas Instruments LM317S/NOPB Datasheet HTML 13Page - Texas Instruments LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments LM317S/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
LM117, LM317A, LM317-N
SNVS774O – MAY 2004 – REVISED JANUARY 2014
www.ti.com
Heatsink Requirements
The LM317-N regulators have internal thermal shutdown to protect the device from over-heating. Under all
operating conditions, the junction temperature of the LM317-N should not exceed the rated maximum junction
temperature (TJ) of 150°C for the LM117, or 125°C for the LM317A and LM317-N. A heatsink may be required
depending on the maximum device power dissipation and the maximum ambient temperature of the application.
To determine if a heatsink is needed, the power dissipated by the regulator, PD, must be calculated:
PD = ((VIN − VOUT) × IL) + (VIN × IG)
(2)
Figure 25 shows the voltage and currents which are present in the circuit.
The next parameter which must be calculated is the maximum allowable temperature rise, TR(MAX):
TR(MAX) = TJ(MAX) − TA(MAX)
(3)
where TJ(MAX) is the maximum allowable junction temperature (150°C for the LM117, or 125°C for the
LM317A/LM317-N), and TA(MAX) is the maximum ambient temperature which will be encountered in the
application.
Using the calculated values for TR(MAX) and PD, the maximum allowable value for the junction-to-ambient thermal
resistance (
θJA) can be calculated:
θJA = (TR(MAX) / PD)
(4)
Figure 25. Power Dissipation Diagram
If the calculated maximum allowable thermal resistance is higher than the actual package rating, then no
additional work is needed. If the calculated maximum allowable thermal resistance is lower than the actual
package rating either the power dissipation (PD) needs to be reduced, the maximum ambient temperature TA(MAX)
needs to be reduced, the thermal resistance (
θJA) must be lowered by adding a heatsink, or some combination of
these.
If a heatsink is needed, the value can be calculated from the formula:
θHA ≤ (θJA - (θCH + θJC))
(5)
where (
θCH is the thermal resistance of the contact area between the device case and the heatsink surface, and
θJC is thermal resistance from the junction of the die to surface of the package case.
When a value for
θ(H−A) is found using the equation shown, a heatsink must be selected that has a value that is
less than, or equal to, this number.
The
θ(H−A) rating is specified numerically by the heatsink manufacturer in the catalog, or shown in a curve that
plots temperature rise vs power dissipation for the heatsink.
Heatsinking Surface Mount Packages
The TO-263 (KTT), SOT-223 (DCY) and TO-252 (NDP) packages use a copper plane on the PCB and the PCB
itself as a heatsink. To optimize the heat sinking ability of the plane and PCB, solder the tab of the package to
the plane.
Heatsinking the SOT-223 (DCY) Package
Figure 26 and Figure 27 show the information for the SOT-223 package. Figure 27 assumes a
θ(J−A) of 74°C/W
for 1 ounce copper and 51°C/W for 2 ounce copper and a maximum junction temperature of 125°C. Please see
AN-1028 (literature number SNVA036) for thermal enhancement techniques to be used with SOT-223 and TO-
252 packages.
12
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM117 LM317A LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com