Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM317S/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 10Page - Texas Instruments LM317S/NOPB Datasheet HTML 11Page - Texas Instruments LM317S/NOPB Datasheet HTML 12Page - Texas Instruments LM317S/NOPB Datasheet HTML 13Page - Texas Instruments LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments LM317S/NOPB Datasheet HTML 16Page - Texas Instruments LM317S/NOPB Datasheet HTML 17Page - Texas Instruments LM317S/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LM117, LM317A, LM317-N
SNVS774O – MAY 2004 – REVISED JANUARY 2014
www.ti.com
As a design aid, Figure 29 shows the maximum allowable power dissipation compared to ambient temperature
for the TO-263 device (assuming
θ(J−A) is 35°C/W and the maximum junction temperature is 125°C).
Figure 29. Maximum Power Dissipation vs TAMB for the TO-263 Package
Heatsinking the TO-252 (NDP) Package
If the maximum allowable value for
θJA is found to be ≥103°C/W (Typical Rated Value) for the TO-252 package,
no heatsink is needed since the package alone will dissipate enough heat to satisfy these requirements. If the
calculated value for
θJA falls below these limits, a heatsink is required.
As a design aid, Table 1 shows the value of the
θJA of NDP the package for different heatsink area. The copper
patterns that we used to measure these
θJAs are shown in Figure 34. Figure 30 reflects the same test results as
what are in Table 1.
Figure 31 shows the maximum allowable power dissipation vs. ambient temperature for the TO-252 device.
Figure 32 shows the maximum allowable power dissipation vs. copper area (in2) for the TO-252 device. Please
see AN-1028 (literature number SNVA036) for thermal enhancement techniques to be used with SOT-223 and
TO-252 packages.
14
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM117 LM317A LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com