Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3481MM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3481MM/NOPB
Description  LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3481MM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3481MM/NOPB Datasheet HTML 17Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 18Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 19Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 20Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 21Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 22Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 23Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 24Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM3481
VIN
ISEN
COMP
FB
AGND
UVLO
VCC
DR
PGND
FA/SYNC/SD
+
+
VIN = 3.0V to 24V
VOUT = 5V, 1A
CIN
15 PF, 35V x2
COUT
100 PF, 10V
1 PF, ceramic
RSEN
0.05:
L1
10 PH
L2
10 PH
0.47 µF
MBRS130LT3
RFA
40 k:
CSEN
1 nF
Q1
IRF7807
CS
RC
4.7 k:
CC
0.1 PF
RF1
60 k:
RF2
20 k:
R7
10 k:
D2
5.1V
D1
ISWPEAK = IL1(AVG) + IOUT +
'IL1 + 'IL2
2
LM3481
www.ti.com
SNVS346E – NOVEMBER 2007 – REVISED APRIL 2012
Power MOSFET Selection
As in a boost converter, the parameters governing the selection of the MOSFET are the minimum threshold
voltage, VTH(MIN), the on-resistance, RDS(ON), the total gate charge, Qg, the reverse transfer capacitance, CRSS,
and the maximum drain to source voltage, VDS(MAX). The peak switch voltage in a SEPIC is given by:
VSW(PEAK) = VIN + VOUT + VDIODE
The selected MOSFET should satisfy the condition:
VDS(MAX) > VSW(PEAK)
The peak switch current is given by:
Where
ΔIL1 and ΔIL2 are the peak-to-peak inductor ripple currents of inductors L1 and L2 respectively.
The rms current through the switch is given by:
Power Diode Selection
The Power diode must be selected to handle the peak current and the peak reverse voltage. In a SEPIC, the
diode peak current is the same as the switch peak current. The off-state voltage or peak reverse voltage of the
diode is VIN + VOUT. Similar to the boost converter, the average diode current is equal to the output current.
Schottky diodes are recommended.
Figure 34. Typical SEPIC Converter
Selection of Inductors L1 and L2
Proper selection of the inductors L1 and L2 to maintain constant current mode requires calculations of the
following parameters.
Average current in the inductors:
IL2AVE = IOUT
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com