Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3481MM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3481MM/NOPB
Description  LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3481MM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3481MM/NOPB Datasheet HTML 3Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 4Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 5Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 6Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 7Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 8Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 9Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 10Page - Texas Instruments LM3481MM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM3481
www.ti.com
SNVS346E – NOVEMBER 2007 – REVISED APRIL 2012
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VIN = 12V, TJ = 25°C.
Current Sense Threshold vs. Input Voltage
Compensation Ramp Amplitude vs. Input Voltage
Figure 15.
Figure 16.
Minimum On-Time vs. Temperature
Figure 17.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com