Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM8261M5/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM8261M5/NOPB
Description  LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8261M5/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM8261M5/NOPB Datasheet HTML 1Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 2Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 3Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 4Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 5Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 6Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 7Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 8Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM8261
SNOS469I – APRIL 2000 – REVISED MARCH 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
Human Body Model(2)
2KV
ESD Tolerance
Machine Model(3)
200V
VIN Differential
+/
−10V
Output Short Circuit Duration
See(4)(5)
Supply Voltage (V+ - V−)
32V
Voltage at Input/Output pins
V+ +0.8V, V−
−0.1V
Storage Temperature Range
−65°C to +150°C
Junction Temperature(6)
+150°C
Soldering Information:
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Rating indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see 2.7V Electrical Characteristics.
(2)
Human Body Model is 1.5k
Ω in series with 100pF.
(3)
Machine Model, 0
Ω is series with 200pF.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(5)
Allowable Output Short Circuit duration is infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit
duration is 1.5ms.
(6)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
OPERATING RATINGS
Supply Voltage (V+ - V−)
2.5V to 30V
Temperature Range(1)
−40°C to +85°C
Package Thermal Resistance,
θJA,
(1)
SOT-23-5
325°C/W
(1)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM8261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com