Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM8261M5/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM8261M5/NOPB
Description  LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8261M5/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM8261M5/NOPB Datasheet HTML 17Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 18Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 19Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 20Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 21Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 22Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 23Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 24Page - Texas Instruments LM8261M5/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LM8261
www.ti.com
SNOS469I – APRIL 2000 – REVISED MARCH 2013
The table entries are normalized to VS
2/ R
L. To figure out the AC load current component of power dissipation,
simply multiply the table entry corresponding to the output waveform by the factor VS
2/ R
L. For example, with
±15V supplies, a 600
Ω load, and triangular waveform power dissipation in the output stage is calculated as:
PAC= (46.9 x 10
−3) · [302/600]= 70.4mW
Other Application Hints
The use of supply decoupling is mandatory in most applications. As with most relatively high speed/high output
current Op Amps, best results are achieved when each supply line is decoupled with two capacitors; a small
value ceramic capacitor (
∼0.01µF) placed very close to the supply lead in addition to a large value Tantalum or
Aluminum (> 4.7µF). The large capacitor can be shared by more than one device if necessary. The small
ceramic capacitor maintains low supply impedance at high frequencies while the large capacitor will act as the
charge "bucket" for fast load current spikes at the Op Amp output. The combination of these capacitors will
provide supply decoupling and will help keep the Op Amp oscillation free under any load.
LM8261 ADVANTAGES
Compared to other Rail-to-Rail Input/Output devices, the LM8261 offers several advantages such as:
•
Improved cross over distortion.
•
Nearly constant supply current throughout the output voltage swing range and close to either rail.
•
Consistent stability performance for all input/output voltage and current conditions.
•
Nearly constant Unity gain frequency (fu) and Phase Margin (Phim) for all operating supplies and load
conditions.
•
No output phase reversal under input overload condition.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM8261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com