Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DDF6311 Datasheet(PDF) 4 Page - API Technologies Corp

Part # DDF6311
Description  PIN Diode Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DDF6311 Datasheet(HTML) 4 Page - API Technologies Corp

  DDF6311 Datasheet HTML 1Page - API Technologies Corp DDF6311 Datasheet HTML 2Page - API Technologies Corp DDF6311 Datasheet HTML 3Page - API Technologies Corp DDF6311 Datasheet HTML 4Page - API Technologies Corp DDF6311 Datasheet HTML 5Page - API Technologies Corp DDF6311 Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DDF2311
DDF3311
DDF4311
Tw o, Three, and Four Channel
High Speed Drivers
M ultiple independent high-speed drivers w ith
300 mA peak current spikes.
1. Inputs are non-inverting w hen M ode control has a
logic high input.
2. Inputs are inverting w hen M ode control has a logic
low input.
3. To increase sw itching spike currents, add a capacitor
of up to 560 pF betw een the output and TP pins.
4. M ode control and input pins are interchangeable
w ithin any one channel.
5. W hen driving anode-grounded diodes, excessive
pow er dissipation must be avoided. V ee should be
limited to -8V w ith -5V recommended.
6. The DDF2311/3311/4311 do not have a true current
source output. Instead the output is connected to
a 380-ohm resistor in parallel w ith a 560 pF capacitor
and the driven end of this RC combination is
sw itched betw een +4V and V ee so that the negative
output current varies directly w ith V ee.
TP
Output
NC
Non-Inverting Input
Ground
M ode #1
M ode #2
Input #2
NC
Output #2
TP
1
22
11
12
395
M A X
645 M A X
(– 5V to
– 15V )
N/C
N/C
DDF2311
X X X X
TOP V IEW
+5V
500 M IN TY P
M ETA L W ELDED PA CK A GE
Pkg
Bottom
0.050
0.038
125
M A X
010 ± 002
500 M IN
TY P
015
645
SQ
M A X
1
22
11
12
Ground
Input #1
M ode Control #1
Input #2
M ode Control #2
Input #3
M ode Control #3
Input #4
M ode Control #4
+5V
Ground
TP1
Output #1
TP2
Output #2
N/C
TP3
Output #3
TP4
Output #4
N/C
+12V
DDF3311/4311
X X X X
TOP V IEW
M ETA L W ELDED PA CK A GE
150
M A X
M ETA L W ELDED PA CK A GE
Ground
Input #1
M ode Control #1
Input #2
M ode Control #2
Input #3
M ode Control #3
Input #4
M ode Control #4
Input #5
M ode Control #5
Input #6
M ode Control #6
Ground
Output #1
TP1
TP2
Output #2
Output #3
TP3
+5V
TP4
Output #4
Output #5
TP5
TP6
Output #6
-12V
.010 ± .002
Pkg
Bottom
.150 max
0.067 typ
0.015 ± 0.003 typ
0.050 typ
0.500 min
0.075 max
0.075 max
DDF5311/6311
X X X X
0.770 sq. (max)
DDF5311
DDF6311
Five and Six Channel
High Speed Drivers
Independent high speed drivers w ith 300 mA
peak current spikes.
1. Inputs are non-inverting w hen M ode control has a
logic high input.
2. Inputs are inverting w hen M ode control has a logic
low input.
3. To increase sw itching spike currents, add a capacitor
of up to 560 pF betw een the output and TP pins.
4. M ode control and input pins are interchangeable
w ithin any one channel-
5. W hen driving anode-grounded diodes, excessive
pow er dissipation must be avoided. V gg should
be limited to -8V w ith -5V recommended.
6. These drivers do not have a true current source
output. Instead the output is connected to a 380-
ohm resistor in parallel w ith a 560 pF capacitor and
the driven end of this RC combination is sw itched
betw een +4V and V ee so that the negative output
current varies directly w ithV ee.
Continued on next page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com