Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DDF6311 Datasheet(PDF) 6 Page - API Technologies Corp

Part # DDF6311
Description  PIN Diode Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DDF6311 Datasheet(HTML) 6 Page - API Technologies Corp

  DDF6311 Datasheet HTML 1Page - API Technologies Corp DDF6311 Datasheet HTML 2Page - API Technologies Corp DDF6311 Datasheet HTML 3Page - API Technologies Corp DDF6311 Datasheet HTML 4Page - API Technologies Corp DDF6311 Datasheet HTML 5Page - API Technologies Corp DDF6311 Datasheet HTML 6Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DD320
DD350
DD420
DD450
DD620
DD650
Three, Four, and Six Channel High Current
Drivers
M ultiple independent medium speed drivers w ith
separate input logic mode controls. Logic inputs
are true TTL unit loads.
1.
Inputs are inverting w hen M ode control has a logic
high input.
2.
Inputs are non-inverting w hen M ode control has a
logic low input.
3.
M ode control and input pins are interchangeable
w ithin any one channel.
4.
The negative output current does not vary w ith \/ee
w hich should not exceed -5V w hen driving
grounded anode diodes to avoid high pow er dissi-
pation in the drivers.
5.
The last tw o digits of the part number signif y out-
put current. Other currents are available on
special order.
APPLICATION NOTES
PIN Diode Sw itching Times
PIN diodes are used as RF sw itches because of their
low of f -capacitance/on-resistance product. How ever,
they store a signif icant charge during conduction that
must be removed bef ore they w ill turn of f . Typically,
this is specif ied as storage time (TS), w hich is made to
look better than it might be by rating it w ith a high ratio
of reverse (IR) to f orw ard (IF) current. W hen sw itching
these diodes w ith a non-spiking driver, the typical TS
w ill be multiplied by the specif ied ratio. For example,
the M A 47120 has a TS of 12 ns w ith IF=20 mA and IR=
200 mA . W ith symmetrical currents as delivered by
high current drivers, the TS becomes 120 ns. High
speed drivers supply a spike of several hundred mA at
turn-on and turn-of f to shorten the TS of the PIN diode.
Heat Sinking
The pow er dissipated in PIN diode sw itches is conducted
to the bottom of the package. The thin walls leading to
the top of the package represent a high thermal resistance.
The total pow er in the hybrid is the sum of it own current
drain multiplied by the voltage of each supply plus the output
current of each driver multiplied by the supply voltage less
the V F of the PIN diode.
The total can be substantial especially in the multiple
high current drivers. If your calculations show that the
hybrid should be heat sunk, you may f ind it convenient
to place it top dow n on the PC board so that the bottom
of the hybrid may be mounted directly to the metal
case of your package.
Other Diode Drivers
+5V
Output #1
M ode Control #1
Input #1
Output #2
M ode Control #2
Input #2
Output #3
M ode Control #3
Input #3
Ground
1
11
22
12
645
SQ
M A X
DD320/420/620
DD320/420/620
X X X X
TOP V IEW
V ee (-SV to – 15V )
Output #6
M ode Control #6
Input #6
Output #5
M ode Control #5
Input #5
Output #4
M ode Control #4
Input #4
Ground
500 M IN
TY P
.015
Pkg
Bottom
.067
.150
M A X
M ETA L W ELDED PA CK A GE
In addition to these standard circuits, Spectrum Microwave produces a wide range of custom-designed drivers. These include a dual
ECL-input driver (DD212) and a 28-channel 50 mA driver (DD2850). Spectrum Microwave is also one of the largest custom hybrid
manufacturers in the United States. Please contact the factory or your local representative for a quote on your driver requirements or
your own custom hybrid circuit.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com