Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP206 Datasheet(PDF) 18 Page - Microchip Technology

Part # DSPIC33FJ64GP206
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP206 Datasheet(HTML) 18 Page - Microchip Technology

Back Button DSPIC33FJ64GP206 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 20Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 21Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 16
© 2009 Microchip Technology Inc.
RG0-RG3
RG6-RG9
RG12-RG15
I/O
I/O
I/O
ST
ST
ST
PORTG is a bidirectional I/O port.
SCK1
SDI1
SDO1
SS1
SCK2
SDI2
SDO2
SS2
I/O
I
O
I/O
I/O
I
O
I/O
ST
ST
—
ST
ST
ST
—
ST
Synchronous serial clock input/output for SPI1.
SPI1 data in.
SPI1 data out.
SPI1 slave synchronization or frame pulse I/O.
Synchronous serial clock input/output for SPI2.
SPI2 data in.
SPI2 data out.
SPI2 slave synchronization or frame pulse I/O.
SCL1
SDA1
SCL2
SDA2
I/O
I/O
I/O
I/O
ST
ST
ST
ST
Synchronous serial clock input/output for I2C1.
Synchronous serial data input/output for I2C1.
Synchronous serial clock input/output for I2C2.
Synchronous serial data input/output for I2C2.
SOSCI
SOSCO
I
O
ST/CMOS
—
32.768 kHz low-power oscillator crystal input; CMOS otherwise.
32.768 kHz low-power oscillator crystal output.
TMS
TCK
TDI
TDO
I
I
I
O
ST
ST
ST
—
JTAG Test mode select pin.
JTAG test clock input pin.
JTAG test data input pin.
JTAG test data output pin.
T1CK
T2CK
T3CK
T4CK
T5CK
T6CK
T7CK
T8CK
T9CK
I
I
I
I
I
I
I
I
I
ST
ST
ST
ST
ST
ST
ST
ST
ST
Timer1 external clock input.
Timer2 external clock input.
Timer3 external clock input.
Timer4 external clock input.
Timer5 external clock input.
Timer6 external clock input.
Timer7 external clock input.
Timer8 external clock input.
Timer9 external clock input.
U1CTS
U1RTS
U1RX
U1TX
U2CTS
U2RTS
U2RX
U2TX
I
O
I
O
I
O
I
O
ST
—
ST
—
ST
—
ST
—
UART1 clear to send.
UART1 ready to send.
UART1 receive.
UART1 transmit.
UART2 clear to send.
UART2 ready to send.
UART2 receive.
UART2 transmit.
VDD
P
—
Positive supply for peripheral logic and I/O pins.
VCAP/VDDCORE
P
—
CPU logic filter capacitor connection.
VSS
P
—
Ground reference for logic and I/O pins.
VREF+
I
Analog
Analog voltage reference (high) input.
VREF-
I
Analog
Analog voltage reference (low) input.
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
Description
Legend: CMOS = CMOS compatible input or output;
Analog = Analog input;
P = Power
ST = Schmitt Trigger input with CMOS levels;
O = Output;
I = Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com