Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP206 Datasheet(PDF) 19 Page - Microchip Technology

Part # DSPIC33FJ64GP206
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP206 Datasheet(HTML) 19 Page - Microchip Technology

Back Button DSPIC33FJ64GP206 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 20Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 21Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 22Page - Microchip Technology DSPIC33FJ64GP206 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 17
dsPIC33FJXXXGPX06/X08/X10
2.0
GUIDELINES FOR GETTING
STARTED WITH 16-BIT
DIGITAL SIGNAL
CONTROLLERS
2.1
Basic Connection Requirements
Getting
started
with
the
dsPIC33FJXXXGPX06/X08/X10 family of 16-bit Digital
Signal Controllers (DSCs) requires attention to a
minimal set of device pin connections before
proceeding with development. The following is a list of
pin names, which must always be connected:
• All VDD and VSS pins
(see Section 2.2 “Decoupling Capacitors”)
• All AVDD and AVSS pins (regardless if ADC module
is not used)
(see Section 2.2 “Decoupling Capacitors”)
•VCAP/VDDCORE
(see Section 2.3 “Capacitor on Internal Voltage
Regulator (VCAP/VDDCORE)”)
•MCLR pin
(see Section 2.4 “Master Clear (MCLR) Pin”)
• PGECx/PGEDx pins used for In-Circuit Serial
Programming™ (ICSP™) and debugging purposes
(see Section 2.5 “ICSP Pins”)
• OSC1 and OSC2 pins when external oscillator
source is used
(see Section 2.6 “External Oscillator Pins”)
Additionally, the following pins may be required:
•VREF+/VREF- pins used when external voltage
reference for ADC module is implemented
2.2
Decoupling Capacitors
The use of decoupling capacitors on every pair of
power supply pins, such as VDD, VSS, AVDD and
AVSS is required.
Consider the following criteria when using decoupling
capacitors:
• Value and type of capacitor: Recommendation
of 0.1 µF (100 nF), 10-20V. This capacitor should
be a low-ESR and have resonance frequency in
the range of 20 MHz and higher. It is
recommended that ceramic capacitors be used.
• Placement on the printed circuit board: The
decoupling capacitors should be placed as close
to the pins as possible. It is recommended to
place the capacitors on the same side of the
board as the device. If space is constricted, the
capacitor can be placed on another layer on the
PCB using a via; however, ensure that the trace
length from the pin to the capacitor is within
one-quarter inch (6 mm) in length.
• Handling high frequency noise: If the board is
experiencing high frequency noise, upward of
tens of MHz, add a second ceramic-type capacitor
in parallel to the above described decoupling
capacitor. The value of the second capacitor can
be in the range of 0.01 µF to 0.001 µF. Place this
second capacitor next to the primary decoupling
capacitor. In high-speed circuit designs, consider
implementing a decade pair of capacitances as
close to the power and ground pins as possible.
For example, 0.1 µF in parallel with 0.001 µF.
• Maximizing performance: On the board layout
from the power supply circuit, run the power and
return traces to the decoupling capacitors first,
and then to the device pins. This ensures that the
decoupling capacitors are first in the power chain.
Equally important is to keep the trace length
between the capacitor and the power pins to a
minimum thereby reducing PCB track inductance.
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference Manual”, which is available
from
the
Microchip
website
(www.microchip.com).
Note:
The AVDD and AVSS pins must be
connected independent of the ADC
voltage reference source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com