Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1356 Datasheet(PDF) 4 Page - ams AG

Part # AS1356
Description  Linear Low-Dropout 150mA Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1356 Datasheet(HTML) 4 Page - ams AG

  AS1356 Datasheet HTML 1Page - ams AG AS1356 Datasheet HTML 2Page - ams AG AS1356 Datasheet HTML 3Page - ams AG AS1356 Datasheet HTML 4Page - ams AG AS1356 Datasheet HTML 5Page - ams AG AS1356 Datasheet HTML 6Page - ams AG AS1356 Datasheet HTML 7Page - ams AG AS1356 Datasheet HTML 8Page - ams AG AS1356 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
3 - 13
AS1353/AS1356
Data Sheet - Ab solute Maximum Ratings
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical
Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Typ
Units
Comments
IN, SHDNM to GND
-7
+7
V
SHDNM to IN
-7
+0.3
V
POK, BP, OUT to GND
-0.3
VIN +
+0.3
V
Output Short-Circuit Duration
Indefinite
V
Continuous Power Dissipation
(TAMB = +70ºC)
571
mW
Derate 7.1mW/ºC above +70ºC
Operating Temperature Range
-40
+85
ºC
Junction Temperature
+150
ºC
Internally limited
ΘJA
+140
ºC/W
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-020C
“Moisture/Reflow Sensitivity Classification
for non-hermetic Solid State Surface
Mount Devices”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com